Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2600S-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2600S-R
Description  2.4 GHz WLAN Switch/LNA Front End Preliminary
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2600S-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2600S-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2600S-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2600S
2.4 GHz WLAN Switch/LNA Front End
Preliminary
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g,n OFDM WLAN
Embedded applications
Features
Integrates SP3T Switch and LNA with by-pass
mode
12 dB gain,
1.8 dB NF
0.5 dB Bluetooth path loss
1.07x1.05x 0.38mm, 250 um pitch, SnAg solder
bump
Lead free, Halogen free and RoHS compliant
Ordering Information
Part No.
Package
Remark
SE2600S
11 pin CSP
Samples
SE2600S-R
11 pin CSP
Tape and Reel
SE2600S-EK1
N/A
Evaluation kit
Product Description
The SE2600S is a single chip integrated front-end
module (FEM) with a Bluetooth port to complement
WLAN chipsets with integrated Power Amplifier. The
FEM integrates SP3T Switch and Low Noise Amplifier
with bypass mode in an ultra compact package. It is
capable of switching between WLAN RX, WLAN TX
and Bluetooth™
Functional Block Diagram
RFC
BT
TX
RX
1
2
3
4
123
4
4
Vdd
Figure 1: Functional Block Diagram
DST-00292 Rev 1.4
October-09-2009
1 of 12


Similar Part No. - SE2600S-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2600S SKYWORKS-SE2600S Datasheet
647Kb / 10P
2.4 GHz WLAN Switch/Low-Noise Amplifier Front-End
More results

Similar Description - SE2600S-R

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
2.4 GHz FRONT-END LNA / SWITCH IC
logo
SiGe Semiconductor, Inc...
SE2550BL SIGE-SE2550BL Datasheet
59Kb / 2P
2.4 GHz Low Power Front End Module Preliminary
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8_04 Datasheet
239Kb / 6P
GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09_13 Datasheet
548Kb / 18P
2.4 GHz High-Linearity, WLAN Front-End Module
2013
logo
Skyworks Solutions Inc.
SKY85314-11 SKYWORKS-SKY85314-11 Datasheet
174Kb / 2P
2.4 GHz, 64 QAM WLAN Front-End Module
SKY85325-11 SKYWORKS-SKY85325-11 Datasheet
174Kb / 2P
2.4 GHz, 256 QAM WLAN Front-End Module
SE2600S SKYWORKS-SE2600S Datasheet
647Kb / 10P
2.4 GHz WLAN Switch/Low-Noise Amplifier Front-End
SKY85330-21 SKYWORKS-SKY85330-21 Datasheet
237Kb / 2P
2.4 GHz, 1024 QAM WLAN Front-End Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com