Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE7262L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE7262L-R
Description  2.5-2.7 GHz WiMAX Power Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE7262L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE7262L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE7262L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE7262L
2.5-2.7 GHz WiMAX Power Amplifier
Applications
IEEE802.16e WiMAXTM
CPE and Mobile Computing
Features
25.5 dBm output power, with -28 dB EVM at 3.3V
High efficiency power amplifier with PAE>20%
37 dB gain
Integrated Step Attenuator
Integrated output power detector
All RF ports matched for 50 Ω operation
Supply voltage: 2.9 V – 4.2 V
Lead free, Halogen free, ROHS compliant
package (4 x 4 x 0.9 mm), MSL 3
Ordering Information
Part No.
Package
Remark
SE7262L
16 pin QFN
Samples
SE7262L-R
16 pin QFN
Tape and Reel
SE7262L-EK1
N/A
Evaluation kit
Product Description
The SE7262L WiMAX Power Amplifier is a high
performance device offering high output power with
high linearity and exceptional efficiency. Designed for
portable or mobile applications in the 2.5-2.7 GHz
band, it supports the IEEE 802.16d and IEEE 802.16e
wireless standards.
.
Functional Block Diagram
Figure 1: Functional Block Diagram
Bias Control
Power
Det
RF in
VATTN
VREF
VDET
RF out
VDD1
VDD2
VDD3
Step
Attn
Temp
Sensor
TEMP
Bias Control
Power
Det
RF in
VATTN
VREF
VDET
RF out
VDD1
VDD2
VDD3
Step
Attn
Temp
Sensor
TEMP
DST-00155 Rev 1.8 May-26-2009
1 of 10


Similar Part No. - SE7262L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE7261A SIGE-SE7261A Datasheet
156Kb / 2P
2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7261A-EK1 SIGE-SE7261A-EK1 Datasheet
156Kb / 2P
2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7261A-R SIGE-SE7261A-R Datasheet
156Kb / 2P
2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
SE7265L-EK1 SIGE-SE7265L-EK1 Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
More results

Similar Description - SE7262L-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
07/2008
logo
Stealth Microwave, Inc.
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
Rev 1.1
logo
Johanson Technology Inc...
2600BP14M0200 JOHANSON-2600BP14M0200 Datasheet
118Kb / 2P
2.5 - 2.7 GHz WiMAX BPF
logo
ANADIGICS, Inc
AWM6268 ANADIGICS-AWM6268 Datasheet
462Kb / 10P
2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Skyworks Solutions Inc.
AWM6268 SKYWORKS-AWM6268 Datasheet
738Kb / 12P
2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
2.5-2.7 GHz WiMAX Power Amplifi er Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com