Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3AC Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # RS3AC
Description  FAST SWITCHING SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

RS3AC Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  RS3AC Datasheet HTML 1Page - PACELEADER INDUSTRIAL RS3AC Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES RS3AC THRURS3MC
FAST SWITCHING SURFACE MOUNT RECTIFIER
FAST SWITCHING SURFACE MOUNT RECTIFIER
SET TIME
BASE FOR
10ns/cm
1cm
-1.0
-0.25
0
+0.5A
trr
50
Noninductive
1
NON-
Inductive
NOTES:1. Rise Time=7ns max.
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance=50 Ohms.
10
Noninductive
D.U.T.
OSCILLOSCOPE
NOTE 1
PULSE
GENERATOR
NOTE 2
25 Vdc
(approx)
(+)
(+)
()
()
Fig. 5 - REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
1
5
10
50
100
200
100
50
10
8.3ms SINGLE HALF SINCE-WAVE
JEDEC METHOD
Fig. 3 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
100
INSTANTANEOUS FWDVOLTAGE, VOLTS
3.0
2.5
2.0
1.5
1.0
0.5
0
50
60
70
80
90
100 110 1 20 130 140 150
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.315x0.315"(8.0x8.0mm)
COPPER PAD AREAS
o
LEAD TEMPERATURE, C
Fig. 1 - FORWARD CURRENT DERATING CURVE
0
T =25C
J
30
10
3.0
1.0
0.3
0.1
0.03
0.01
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Fig. 2 - TYPICAL INSTANTANEOUS
PORWARD CHARACTERISTICS
100
10
1.0
0.1
.01
20
40
60
80
100
120
PERCENT OF RATED PEAK
REVERSE VOLTAGE
Fig. 4 - TYPICAL REVERSE
CHARACTERISTICS
0
TA=125C
0
TA=25C
0
TA=75C
www.paceleader.tw
RS3AC thru RS3MC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com