Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3AC Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # RS3AC
Description  FAST SWITCHING SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

RS3AC Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  RS3AC Datasheet HTML 1Page - PACELEADER INDUSTRIAL RS3AC Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
RS3AC thru RS3MC
FAST SWITCHING SURFACE MOUNT RECTIFIER
FAST SWITCHING SURFACE MOUNT RECTIFIER
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
UNITS
0C
-55 to +150
pF
nS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TRR
R JL
CJ
3.0
50
1.3
60
15
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 3.0 AMPERES
TJ
TSTG
RS3AC
50
35
50
RS3BC RS3DC RS3GC RS3JC
RS3KC RS3MC
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
10.0
300
150
250
500
A
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
SMC/DO-214AB
Dimensions in inches and (millimeters)
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
For surface mount applications
Low profile package
Buit-in strain relief
Easy pick and place
Fast Recovery times for high efficiency
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Glass passivated junction
o
High temperature soldering
260 C/10seconds at terminals
Pb free product are available
99% Sn above can meet RoHS
environment substance directive request
Case
JEDEC DO-214AB molded plastic
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Indicated by cathode band
Standard packaging
12mm tape (EIA-481)
Weight 0.007 ounce, 0.021grams
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current @ TL =90 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneoue Forward Voltage at 3.0A
0
Maximum DC Reverse Current @TA=25 C
0
at Rated DC Blocking Voltage @TA=125 C
0
Maximum Reverse Recovery Time (NOTE 1) TJ=25 C
Typical Junction Capacitance (NOTE 2)
Maximum Thermal Resistance (NOTE 3)
Operating and Storage Temperature Range
NOTES
1. Rverse Recovery Test Condibons IF = 0.5A, IR = 1.0A, l RR= 0.25A
2. Measured at 1 MHz and applied VR = 4.0 volts
2
3. 8.0mm (.013mm thick) land areas
www.paceleader.tw


Similar Part No. - RS3AC

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RS3AC SUNMATE-RS3AC Datasheet
303Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Jiangsu High diode Semi...
RS3AC HDSEMI-RS3AC Datasheet
1,014Kb / 4P
SMC Plastic-Encapsulate Diodes
logo
Shanghai Yint Electroni...
RS3AC YINT-RS3AC Datasheet
504Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
UN Semiconducctor INC
RS3AC UNSEMI-RS3AC Datasheet
2Mb / 4P
Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
logo
Galaxy Semi-Conductor H...
RS3ACF BILIN-RS3ACF Datasheet
479Kb / 4P
Fast Recovery Rectifier
Rev.B
More results

Similar Description - RS3AC

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
GR1A GOOD-ARK-GR1A Datasheet
168Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
Surface Mount Fast Switching Rectifier
19-Apr-11
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
Surface Mount Fast Switching Rectifier
25-Apr-14
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
Surface Mount FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
Surface-Mount Fast Switching Rectifier
25-Feb-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com