Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JRGB1316LS Datasheet(PDF) 13 Page - STANLEY ELECTRIC CO.,LTD.

Part # JRGB1316LS
Description  PLCC-6 Type Tri-color
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

JRGB1316LS Datasheet(HTML) 13 Page - STANLEY ELECTRIC CO.,LTD.

Back Button JRGB1316LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Reflow Soldering Conditions
Manual Soldering Conditions
Iron tip temp.
Soldering time and frequency
3 s
1 time
350 ℃
(MAX.)
(MAX.)
(MAX.)
PLCC-6 Type Tri-color
JRGB1316LS
1) The above profile temperature gives the maximum temperature of the LED resin surface.
Please set the temperature so as to avoid exceeding this range.
2) Total times of reflow soldering process shall be no more than 2 times.
When the second reflow soldering process is performed, intervals between the first
and second reflow should be short as possible (while allowing some time for the
component to return to normal temperature after the first reflow) in order to prevent the
LED from absorbing moisture.
3) Temperature fluctuation to the LED during the pre-heating process shall be minimized.
(6℃ maximum)
Page 13
2009.3.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com