Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JRGB1316LS Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # JRGB1316LS
Description  PLCC-6 Type Tri-color
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

JRGB1316LS Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  JRGB1316LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. JRGB1316LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Color and Luminous Intensity
Page 2
2009.3.23
PLCC-6 Type Tri-color
JRGB1316LS
(Ta=25℃)
TYP.
I
F
MIN.
T YP.
I
F
InGa N
Blue
470
10
-
220
10
InGa N
Gre e n
525
20
-
1,100
20
AlGa InP
Re d
62530
-
48030
xy
MIN.
T YP .
IF
TYP .
TYP .
Blue
10
Green
20
Re d
30
0.29
Chromatic ity
Coordinates
Total Luminous Intens ity
Iv (mc d)
0.29
1,800
-
λd (nm)
Dominant
Wavelength
Part No.
Emitted
Color
Lens
Color
J RGB1316L S
< White S orting of S imultaneous RGB L ighting >
< One L E D Die lig hte d>
Emitted
Color
Part No.
Material
Milky
White
J RGB1316L S
Iv (mc d)
Luminous Intens ity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com