Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB5922B Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMB5922B
Description  SURFACE MOUNT ZENER TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMB5922B Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMB5922B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMB5922B Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
thru
FEATURES
MECHANICAL DATA
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
Dimensions in inches and (millimeters)
www.paceleader.tw
SURFACE MOUNT ZENER DIODES
WATTS
SMB5921B
SMB5949B
3.0
• Low profile package
• Built-in strain relief
• Low inductance
• Typical I
D less than 1.0µA above 11V
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Pb free product are available : 99% Sn can meet RoHS environment
substance directive request
Case: JEDEC DO-214AA, Molded plastic over passivated junction
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Indicated by cathode band
Standard packing: 12mm tape (E1A-481)
Weight: 0.003 ounce, 0.093 gram
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
0
5
=
A
T
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
s
l
u
P
k
a
e
P
O
)
A
s
e
t
o
N
(
C
0
7
e
v
o
b
a
e
t
a
r
e
D
O C
PD
0
.
3
0
.
4
2
s
t
t
a
W
/
W
m
O C
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
IFSM
5
1s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ T
, STG
0
5
1
+
o
t
5
5
-
O C
NOTES:
A.Mounted on 5.0mm
2 (.013mm thick) land areas.
B.Measured on 8.3ms, and single half sine-wave or equivalent square wave ,duty cycle=4 pulses per minute maximum
SMB/DO-214AA
.130(3.30)
.155(3.94)
.006(.152)
.012(.305)
.200(5.08)
.004(.102)
.160(4.06)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.030(0.76)
.050(1.27)
.185(4.70)
.008(.203)
.220(5.59)


Similar Part No. - SMB5922B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMB5922B SECOS-SMB5922B Datasheet
201Kb / 4P
3.0 Watts Surface Mount Zener Diode
SMB5922B SECOS-SMB5922B Datasheet
238Kb / 3P
VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMB5922B WEITRON-SMB5922B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Dc Components
SMB5922B DCCOM-SMB5922B Datasheet
49Kb / 2P
RECTIFIER SPECIALISTS
logo
SeCoS Halbleitertechnol...
SMB5922B SECOS-SMB5922B Datasheet
238Kb / 3P
1.5 Watts Surface Mount Zener Diode
More results

Similar Description - SMB5922B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
SURFACE MOUNT ZENER TYPE
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com