Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1145LT Datasheet(PDF) 19 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1145LT
Description  Right Angle Type White LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1145LT Datasheet(HTML) 19 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SW1145LT Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Reliability Testing Result
Page 19
Reliability Testing Result
Applicable Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJED-
4701/ 100(101)
Ta = 25℃, IF= 30mA
1,000 h
0/ 20
High Temp.
Operating Life
EIAJED-
4701/ 100(101)
Ta = 85℃ ,IF = 6mA
1,000 h
0/ 20
Low Temp.
Operating Life
EIAJED-
4701/ 100(101)
Ta = -30℃, IF = 20mA
1,000 h
0/ 20
Wet High Temp.
Operating Life
EIAJED-
4701/ 100(102)
Ta = 60℃, 90%, IF = 16mA
1,000 h
0/ 20
Wet High Temp.
Storage Life
EIAJED-
4701/ 100(103)
Ta = 60℃, 90%
1,000 h
0/ 20
Thermal Shock
EIAJED-
4701/ 100(105)
Ta = -40℃ ~ 100℃ (each 15min.)
200 cycles
0/ 20
High Temp.
Storage Life
EIAJED-
4701/ 200(201)
Ta = 100℃
1,000 h
0/ 20
Low Temp.
Storage Life
EIAJED-
4701/ 200(202)
Ta = -40℃
1,000 h
0/ 20
Cycled Temp.
Humidity Life
EIAJED-
4701/ 200(203)
Ta = -10℃ ~ 65℃, 95%, 24h/ cycle
10 cycles
0/ 20
Resistance to
Reflow Soldering
EIAJED-
4701/ 300(301)
Preheat : 150 ~ 180℃(120s Max.)
Soldering Temp. : 260℃(5s)
Moisture Soak : 30℃, 70%, 72h
Twice
0/ 20
Electric Static Discharge
(ESD)
EIAJED-
4701/ 300(304)
C = 100pF, R2 = 1.5KΩ, ±1,000V
once each polarity
0/ 20
Vibration,
Variable Frequency
EIAJED-
4701/ 400(403)
98.1m/ s
2
(10G), 100 ~ 2KHz, 20min,
XYZ each direction
2 h
0/ 20
Failure Criteria
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IF=20mA
Testing Min. Value < Spec. Min. Value x 0.7
Forward Voltage
VF
IF=20mA
Testing Max. Value ≧ Spec. Max. Value x 1.2
Reverse Current
IR
VR=5V
Testing Max. Value ≧ Spec. Max. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking
□W1145L□ Series
Right Angle Type White LED
2008.11.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com