Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1145LT Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1145LT
Description  Right Angle Type White LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1145LT Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  SW1145LT Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1145LT Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Color and Luminous Intensity
Page 2
MIN.
TYP.
I
F
TYP.
I
F
HSW1145LT
InGaN
White
Pale
Yellow
1,720
1,860
20
4.6
20
SW1145LT
InGaN
White
Pale
Yellow
1,440
1,600
20
4.0
20
TW1145LS
InGaN
White
Pale
Yellow
860
1,200
20
3.0
20
Part No.
Material
Emitted
Color
Luminous Flux
Iv (mcd)
φv (lm)
Lens
Color
Luminous Intensity
□W1145L□ Series
Right Angle Type White LED
※Note : The above luminous intensity(I
v) is the setup values of the sorting machine.
(Tolerance : IV…±10%)
2008.11.15
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com