Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2155 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2155 Datasheet HTML 1Page - Micrel Semiconductor MIC2155 Datasheet HTML 2Page - Micrel Semiconductor MIC2155 Datasheet HTML 3Page - Micrel Semiconductor MIC2155 Datasheet HTML 4Page - Micrel Semiconductor MIC2155 Datasheet HTML 5Page - Micrel Semiconductor MIC2155 Datasheet HTML 6Page - Micrel Semiconductor MIC2155 Datasheet HTML 7Page - Micrel Semiconductor MIC2155 Datasheet HTML 8Page - Micrel Semiconductor MIC2155 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
3
M9999-052709-A
(408) 944-0800
Ordering Information
Part Number
Frequency
Voltage
Junction Temp.
Range(1)
Package
Lead Finish
MIC2155YML
500kHz
Adj.
-40°C to +125°C
32-Pin 5mm × 5mm MLF
®
Pb-Free
MIC2156YML
300kHz
Adj.
-40°C to +125°C
32-Pin 5mm × 5mm MLF
®
Pb-Free
Typical Application
VIN
500µF
10µF
FDMS7672
FDMS7660
×2
FDMS7672
FDMS7660 ×2
0.1µF
0.22µF
250µF
VOUT
1.8V
40A
1.5µH
30
29
28
1
2
3
4
31
10
11
32
17
15
9
8
6
7
12
19
16
20
26
18
27
23
24
25
13
5
21
40A 2-Phase Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com