Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2155 Datasheet (PDF) - Micrel Semiconductor

MIC2155 Datasheet PDF - Micrel Semiconductor
Part # MIC2155
Download  MIC2155 Download
File Size   644.91 Kbytes
Page   33 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2-Phase, Single Output, PWM Synchronous Buck Control IC

MIC2155 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2155 Datasheet PDF - Micrel Semiconductor

Part # MIC2155
Download  MIC2155 Click to download

File Size   644.91 Kbytes
Page   33 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2-Phase, Single Output, PWM Synchronous Buck Control IC

MIC2155 Datasheet (HTML) - Micrel Semiconductor


MIC2155 Product details

General Description
The MIC2155 and MIC2156 are a family of two-phase, single-output synchronous buck control ICs featuring small size, high efficiency, and a high level of flexibility. The ICs implement a 500kHz (MIC2155) and 300kHz (MIC2156) voltage mode PWM control, with the outputs switching 180° out of phase. The result of the out-of-phase operation is 1MHz (or 600kHz) input ripple with ripple current cancellation, minimizing the required input filter capacitance. A 1% output voltage tolerance allows the maximum level of system performance. Internal drivers with adaptive gate drive allow the highest efficiency with the minimum external components.

Features
• Synchronous buck control ICs with outputs switching 180° out-of-phase
• Remote sensing with internal differential amplifier
• 4.5V to 14.5V input voltage range
• Adjustable output voltages down to 0.7V
• 1% output voltage accuracy
• Starts up into a pre-biased output
• 500kHz PWM operation (MIC2155)
• 300kHz PWM operation (MIC2156)
• Adaptive gate drive allows efficiencies over 95%
• Adjustable current limit with no sense resistor
• Senses low-side MOSFET current
• Internal drivers allow 25A per phase
• Power Good output allow simple sequencing
• Dual enables with micro-power shutdown and UVLO
• Programmable soft-start pin
• Output over-voltage protection
• Works with ceramic output capacitors
• Multi-input supply capability
• Single-output high-current capability with master/slave current sharing
• External synchronization
• Small footprint 32-pin 5mm × 5mm MLF®
• Junction temperature range of -40°C to +125°C

Applications
• Multi-output power supplies with sequencing
• DSP, FPGA, CPU and ASIC power supplies
• DSL modems
• Telecom and networking equipment
• Servers




Similar Part No. - MIC2155

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2155 MICREL-MIC2155 Datasheet
623Kb / 35P
Two-Phase, Single-Output, PWM Synchronous Buck Control IC
MIC2155YML MICREL-MIC2155YML Datasheet
623Kb / 35P
Two-Phase, Single-Output, PWM Synchronous Buck Control IC
MIC2155_0911 MICREL-MIC2155_0911 Datasheet
623Kb / 35P
Two-Phase, Single-Output, PWM Synchronous Buck Control IC
More results


Similar Description - MIC2155

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
500kHz PWM Synchronous Buck Control IC
MIC2155_0911 MICREL-MIC2155_0911 Datasheet
623Kb / 35P
Two-Phase, Single-Output, PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2150 MICREL-MIC2150 Datasheet
803Kb / 27P
2-Phase Dual Output PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com