Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GML Datasheet(PDF) 58 Page - Micrel Semiconductor

Part # MIC3003GML
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 58 Page - Micrel Semiconductor

Back Button MIC3003GML Datasheet HTML 54Page - Micrel Semiconductor MIC3003GML Datasheet HTML 55Page - Micrel Semiconductor MIC3003GML Datasheet HTML 56Page - Micrel Semiconductor MIC3003GML Datasheet HTML 57Page - Micrel Semiconductor MIC3003GML Datasheet HTML 58Page - Micrel Semiconductor MIC3003GML Datasheet HTML 59Page - Micrel Semiconductor MIC3003GML Datasheet HTML 60Page - Micrel Semiconductor MIC3003GML Datasheet HTML 61Page - Micrel Semiconductor MIC3003GML Datasheet HTML 62Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
58
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
OEM Configuration Register 2 (OEMCFG2)
D[7]
SMBADR[3]
read/write
D[6]
SMBADR[2]
read/write
D[5]
SMBADR[1]
read/write
D[4]
SMBADR[0]
read/write
D[3]
read/write
D[2]
TRSTCLR[2]
read/write
D[1]
TRSTCLR[1]
read/write
D[0]
TRSTCLR[0]
read/write
Default value
1010 0010b = xxh (device address = 1010 xxxxb)
This value is the basis for using A0 h, A2 h, A4 h, and A6 h as the names of
the different device address spaces of the MIC3003.
Serial address
A6h
Byte address
2 = 02h
Caution: Changes to SMBADR take effect immediately. Any accesses following a write to SMBADR must be to the newly
programmed serial bus address.
A valid OEM password is required for access to this register. This register is non-volatile and will be maintained through power
and reset cycles.
Bit(s)
Function
Operation
D[7:4]
SMBADR[3:0]
Most significant four bits of the
serial bus device address
Writes take effect immediately.
D[3:0]
TRSTCLR[2:0]
Set the delay between QGPO and
the clearing of RESETOUT
These three bits set the delay between the deassertion
edge of the QGPO output in Reset mode and the
subsequent clearing of the three RESETOUT bits in the
RESETOUT Register:
000: Zero delay
001: 17.5 ms typical
010: 22.5 ms typical (default)
011: 27.0 ms typical
100: 45 ms typical
Minimum and maximum values may be found by adding
tolerances of -10% and +10% to the above values.
If Reset mode is not selected, these bits have no function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com