Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC3003GML
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC3003GML Datasheet HTML 6Page - Micrel Semiconductor MIC3003GML Datasheet HTML 7Page - Micrel Semiconductor MIC3003GML Datasheet HTML 8Page - Micrel Semiconductor MIC3003GML Datasheet HTML 9Page - Micrel Semiconductor MIC3003GML Datasheet HTML 10Page - Micrel Semiconductor MIC3003GML Datasheet HTML 11Page - Micrel Semiconductor MIC3003GML Datasheet HTML 12Page - Micrel Semiconductor MIC3003GML Datasheet HTML 13Page - Micrel Semiconductor MIC3003GML Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
10
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage, VDD .......................................+3.8V
Voltage on CLK, DATA, TXFAULT, VIN, RXLOS,
TXDISABLE, RS0, RS1 ......................... –0.3V to +6.0V
Voltage On Any Other Pin.....................–0.3V to VDD+0.3V
Power Dissipation, TA = 85°C .................................... 1.5W
Junction Temperature (TJ) ....................................... 150°C
Storage Temperature (TS)....................... –65°C to +150°C
Soldering (20 sec.) ................................................... 260ºC
ESD Ratings(3)
Human Body Model.................................................. 2kV
Machine Model ....................................................... 300V
Operating Ratings(2)
Power Supply Voltage, VDDA/VDDD........... +3.0V to +3.6V
Ambient Temperature Range (TA) .......–40°C to +105°C
Package Thermal Resistance
MLF
® (θ
JA) .................................................43°C/W
Electrical Characteristics
For typical values, TA = 25°C, VDDA = VDDD = +3.3V, unless otherwise noted. Bold values are guaranteed for +3.0V ≤ (VDDA = VDDD)
≤ 3.6V, T(min) ≤ TA ≤ T(min),
(8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
CLK = DATA = VDDD = VDDA; TXDISABLE
low; all DACs at full-scale; all A/D inputs
at full-scale; all other pins open.
2.3
3.5
mA
IDD
Supply Current
CLK = DATA = VDDD = VDDA; TXDISABLE
high; FLTDAC at full-scale; all A/D inputs
at full-scale; all other pins open.
2.3
3.5
mA
VPOR
Power-on Reset Voltage
All registers reset to default values;
A/D conversions initiated.
2.9
2.98
V
V
UVLO
Under-Voltage Lockout Threshold
Note 5
2.5
2.73
V
V
HYST
Power-on Reset Hysteresis Voltage
170
mV
t
POR
Power-on Reset Time
VDD > VPOR, Note 4
50
µs
VREF
Reference Voltage
1.210
1.225
1.240
V
ΔVREF/
ΔVDDA
Voltage Reference Line Regulation
1.7
mV/V
Temperature-to-Digital Converter Characteristics
Local Temperature Measurement
Error
–40°C ≤ TA ≤ +105°C, Note 6
±1
±3
°C
tCONV
Conversion Time
Note 4
60
ms
tSAMPLE
Sample Period
100
ms
Voltage-to-Digital Converter Characteristics (VRX, VAUX, VBIAS, VMPD, VILD±)
Voltage Measurement Error
–40°C ≤ TA ≤ +105°C, Note 6
±1
±2.0
%fs
tCONV
Conversion Time
Note 4
10
ms
tSAMPLE
Sample Period
Note 4
100
ms
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Guaranteed by design and/or testing of related parameters. Not 100% tested in production.
5. The MIC3003 will attempt to enter its shutdown state when VDD falls below VUVLO. This operation requires time to complete. If the supply voltage falls
too rapidly, the operation may not be completed.
6. Does not include quantization error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com