Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6642EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD6642EBZ
Description  Dual IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6642EBZ Datasheet HTML 18Page - Analog Devices AD6642EBZ Datasheet HTML 19Page - Analog Devices AD6642EBZ Datasheet HTML 20Page - Analog Devices AD6642EBZ Datasheet HTML 21Page - Analog Devices AD6642EBZ Datasheet HTML 22Page - Analog Devices AD6642EBZ Datasheet HTML 23Page - Analog Devices AD6642EBZ Datasheet HTML 24Page - Analog Devices AD6642EBZ Datasheet HTML 25Page - Analog Devices AD6642EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD6642
Rev. 0 | Page 22 of 32
NOISE SHAPING REQUANTIZER (NSR)
The AD6642 features a noise shaping requantizer (NSR) to
allow higher than 11-bit SNR to be maintained in a subset of
the Nyquist band. The harmonic performance of the receiver
is unaffected by the NSR feature. When enabled, the NSR
contributes an additional 0.6 dB of loss to the input signal, such
that a 0 dBFS input is reduced to −0.6 dBFS at the output pins.
The NSR feature can be independently controlled per channel
via the SPI or the MODE pin.
Two different bandwidth modes are provided; the mode can be
selected from the SPI port. In each of the two modes, the center
frequency of the band can be tuned such that IFs can be placed
anywhere in the Nyquist band.
22% BW MODE (>40 MHZ @ 184.32 MSPS)
The first bandwidth mode offers excellent noise performance
over 22% of the ADC sample rate (44% of the Nyquist band)
and can be centered by setting the NSR mode bits in the NSR
control register (Address 0x3C) to 000. In this mode, the useful
frequency range can be set using the 6-bit tuning word in the
NSR tuning register (Address 0x3E). There are 57 possible
tuning words (TW); each step is 0.5% of the ADC sample rate.
The following three equations describe the left band edge (f0),
the channel center (fCENTER), and the right band edge (f1),
respectively.
f0 = fADC × .005 × TW
fCENTER = f0 × 0.11 × fADC
f1 = f0 × 0.22 × fADC
Figure 45 to Figure 47 show the typical spectrum that can be
expected from the AD6642 in the 22% BW mode for three
different tuning words.
0
–20
–40
–60
–80
–100
–120
020
40
60
9
FREQUENCY (MHz)
0
10
30
50
80
70
fS = 184.32MSPS
fIN = 140MHz @ –1.6dBFS
NSR 22% BW MODE, TW = 13
SNR = 73.4dB (75dBFS) (IN-BAND)
SFDR = 92.6dBc (IN-BAND)
Figure 45. 22% BW Mode, Tuning Word = 13
020
40
60
90
10
30
50
80
70
0
–20
–40
–60
–80
–100
–120
FREQUENCY (MHz)
fS = 184.32MSPS
fIN = 140MHz @ –1.6dBFS
NSR 22% BW MODE, TW = 28
SNR = 73.4dB (75dBFS) (IN-BAND)
SFDR = 93dBc (IN-BAND)
Figure 46. 22% BW Mode, Tuning Word = 28 (fS/4 Tuning)
020
40
60
90
10
30
50
80
70
0
–20
–40
–60
–80
–100
–120
FREQUENCY (MHz)
fS = 184.32MSPS
fIN = 140MHz @ –1.6dBFS
NSR 22% BW MODE, TW = 41
SNR = 73.4dB (75dBFS) (IN-BAND)
SFDR = 94dBc (IN-BAND)
Figure 47. 22% BW Mode, Tuning Word = 41
33% BW MODE (>60 MHZ @ 184.32 MSPS)
The second bandwidth mode offers excellent noise performance
over 33% of the ADC sample rate (66% of the Nyquist band)
and can be centered by setting the NSR mode bits in the NSR
control register (Address 0x3C) to 001. In this mode, the useful
frequency range can be set using the 6-bit tuning word in the
NSR tuning register (Address 0x3E). There are 34 possible
tuning words (TW); each step is 0.5% of the ADC sample rate.
The following three equations describe the left band edge (f0),
the channel center (fCENTER), and the right band edge (f1),
respectively.
f0 = fADC × .005 × TW
fCENTER = f0 × 0.165 × fADC
f1 = f0 × 0.33 × fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com