Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6642EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD6642EBZ
Description  Dual IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6642EBZ Datasheet HTML 24Page - Analog Devices AD6642EBZ Datasheet HTML 25Page - Analog Devices AD6642EBZ Datasheet HTML 26Page - Analog Devices AD6642EBZ Datasheet HTML 27Page - Analog Devices AD6642EBZ Datasheet HTML 28Page - Analog Devices AD6642EBZ Datasheet HTML 29Page - Analog Devices AD6642EBZ Datasheet HTML 30Page - Analog Devices AD6642EBZ Datasheet HTML 31Page - Analog Devices AD6642EBZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD6642
Rev. 0 | Page 28 of 32
Addr.
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Comments
0x0D
Test mode
(local)
Open
Open
Reset
long PN
generator
0 = on
1 = off
(default)
Reset
short PN
generator
0 = on
1 = off
(default)
Open
Output test mode
000 = off (normal operation)
001 = midscale short
010 = positive FS
011 = negative FS
100 = alternating checkerboard
101 = PN sequence long
110 = PN sequence short
111 = 1/0 word toggle
0x00
When set,
the test data
is placed on
the output
pins in place
of normal
data.
0x0E
BIST enable
(local)
Open
Open
Open
Open
Open
BIST reset
0 = on
1 = off
(default)
Open
BIST
enable
1 = on
0 = off
(default)
0x00
When Bit 0
is set, the
built-in self-
test function
is initiated.
0x10
Offset adjust
(local)
Open
Open
Offset adjustment in LSBs from +127 to −128
(twos complement format)
011111 = +31 LSB
011110 = +30 LSB
011101 = +29 LSB
…
000010 = +2 LSB
000001 = +1 LSB
000000 = 0 LSB
…
111111 = −1 LSB
111110 = −2 LSB
111101 = −3 LSB
…
100001 = −31 LSB
100000 = −32 LSB
0x00
Device
offset trim.
0x14
Output mode
(local)
Open
Open
Open
Output
enable bar
(local)
1 = off
0 = on
Open
Output
invert
(local)
1 = on
0 = off
Output format (local)
00 = offset binary
01 = twos
complement
0x00
Configures
the outputs
and the
format of
the data.
0x15
Output adjust
(local)
Open
Open
Open
Open
Output port LVDS drive current
0000 = 3.72 mA
0001 = 3.5 mA (default)
0010 = 3.3 mA
0011 = 2.96 mA
0100 = 2.82 mA
0101 = 2.57 mA
0110 = 2.27 mA
0111 = 2.0 mA
1000 = 2.0 mA
0x01
Output
current
adjustments.
0x16
Clock phase
control
(local)
Invert DCO
clock
0 = off
1 = on
Open
Open
Open
Open
Open
Open
Open
0x00
When Bit 7
is set, clock
polarity is
reversed.
0x17
DCO output
delay
(global)
DCO delay
enable
0 = off
1 = on
Open
Open
Output port DCO clock delay
00000 = 100 ps additional delay on the DCO pin
00001 = 200 ps additional delay on the DCO pin
00010 = 300 ps additional delay on the DCO pin
…
11101 = 3.0 ns additional delay on the DCO pin
11110 = 3.1 ns additional delay on the DCO pin
11111 = 3.2 ns additional delay on the DCO pin
0x00
Enable DCO
delay and
set the delay
time.
0x18
VREF select
(global)
Open
Open
Open
Internal VREF full-scale adjustment
Main reference full-scale VREF adjustment
01111: internal 2.087 V p-p
…
00001: internal 1.772 V p-p
00000: internal 1.75 V p-p
…
11111: internal 1.727 V p-p
…
10000: internal 1.383 V p-p
0x00
Select
adjustments
for VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com