Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD6657EBZ
Description  Quad IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6657EBZ Datasheet HTML 24Page - Analog Devices AD6657EBZ Datasheet HTML 25Page - Analog Devices AD6657EBZ Datasheet HTML 26Page - Analog Devices AD6657EBZ Datasheet HTML 27Page - Analog Devices AD6657EBZ Datasheet HTML 28Page - Analog Devices AD6657EBZ Datasheet HTML 29Page - Analog Devices AD6657EBZ Datasheet HTML 30Page - Analog Devices AD6657EBZ Datasheet HTML 31Page - Analog Devices AD6657EBZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD6657
Rev. 0 | Page 30 of 32
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting the design and layout of the AD6657 as a system,
it is recommended that the designer become familiar with these
guidelines, which discuss the special circuit connections and
layout requirements needed for certain pins.
Power and Ground Recommendations
When connecting power to the AD6657, it is recommended
that two separate 1.8 V supplies be used. Use one supply for
analog (AVDD); use a separate supply for the digital outputs
(DRVDD). The AVDD and DRVDD supplies should be isolated
with separate decoupling capacitors. Several different decoupling
capacitors can be used to cover both high and low frequencies.
These capacitors should be located close to the point of entry
at the PCB level and close to the pins of the part, with minimal
trace length.
A single PCB ground plane should be sufficient when using the
AD6657. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
VCMx Pins
The VCMx pins are provided to set the common-mode level
of the analog inputs. The VCMx pins should be decoupled to
ground with a 0.1 μF capacitor, as shown in Figure 31.
SPI Port
The SPI port should not be active during periods when the full
dynamic performance of the AD6657 is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade AD6657 performance. If the on-board SPI bus is used
for other devices, it may be necessary to provide buffers between
this bus and the AD6657 to prevent these signals from transi-
tioning at the receiver inputs during critical sampling periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com