Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4602BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4602BCPZ Datasheet HTML 3Page - Analog Devices ADF4602BCPZ Datasheet HTML 4Page - Analog Devices ADF4602BCPZ Datasheet HTML 5Page - Analog Devices ADF4602BCPZ Datasheet HTML 6Page - Analog Devices ADF4602BCPZ Datasheet HTML 7Page - Analog Devices ADF4602BCPZ Datasheet HTML 8Page - Analog Devices ADF4602BCPZ Datasheet HTML 9Page - Analog Devices ADF4602BCPZ Datasheet HTML 10Page - Analog Devices ADF4602BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADF4602
Rev. 0 | Page 7 of 36
Parameter
Min
Typ
Max
Unit
Test Conditions
POWER SUPPLIES
Voltage Supply
VDD
3.1
3.3
3.6
V
Main supply input
VSUP1
2.6
V
Output from internal LDO1, 10 mA rating,
supply for RX VCO
VSUP2
2.8
V
Output from Internal LDO2, 30 mA rating,
supply for RX baseband and RX down-
converter
VSUP3
1.9
V
Output from internal LDO3, 10 mA rating,
supply for RX LNAs
VSUP4
2.6
V
Output from internal LDO4, 10 mA rating,
supply for TX VCO
VSUP5
2.8
V
Output from internal LDO5, 100 mA rating,
supply for TX modulator, TX baseband, PA
control DACs
VSUP6
1.9
V
Supply input for RX synthesizer,
connect to VSUP3
VSUP7
1.9
V
Supply input for TX synthesizer,
connect to VSUP3
VSUP8
2.8
V
Supply input for reference section,
connect to VSUP2
VINT
1.6
1.8
2.0
V
Supply input for serial interface control
logic
CURRENT CONSUMPTION
Transmit Current Consumption
VDD = 3.6 V, output is matched into 50 Ω
−8 dBm Output Level
100
mA
FRF = 2170 MHz
−28 dBm Output Level
50
mA
FRF = 2170 MHz
Receive Current Consumption
50
mA
1 The reference frequency should be dc coupled to the REFIN pin. It is ac-coupled internally.
2 The noise figure measurement does not include spurious due to harmonics of the 26 MHz reference frequency. Spurs appear at integer multiples of the reference
frequency (every 26 MHz), degrading the receive sensitivity by about 6 dB.
3 Guaranteed by design, not production tested.
4 Bit sif_vsup8 in Register 2 controls whether 1.8 V readback mode or 2.8 V readback mode is selected. See the S
section for more details.
erial Port Interface (SPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com