Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4602BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4602BCPZ
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4602BCPZ Datasheet HTML 9Page - Analog Devices ADF4602BCPZ Datasheet HTML 10Page - Analog Devices ADF4602BCPZ Datasheet HTML 11Page - Analog Devices ADF4602BCPZ Datasheet HTML 12Page - Analog Devices ADF4602BCPZ Datasheet HTML 13Page - Analog Devices ADF4602BCPZ Datasheet HTML 14Page - Analog Devices ADF4602BCPZ Datasheet HTML 15Page - Analog Devices ADF4602BCPZ Datasheet HTML 16Page - Analog Devices ADF4602BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADF4602
Rev. 0 | Page 13 of 36
REF –10.9dBm
*ATT 5dB
*RBW 30kHz
*VBW 300kHz
*SWT 100ms
MARKER 1 (T1)
–23.01dBm
880.877403846MHz
CENTER 881MHz
2.55MHz/DIV
SPAN 25.5MHz
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
POS –10.895dBm
CH PWR
ACP LOW
ACP UP
ALT1 LOW
ALT1 UP
–4.39dBm
–60.63dBm
–58.52dBm
–72.07dBm
–72.13dBm
Figure 11. TXLBRF Transmit ACLR, 881 MHz
–51
–53
–55
–57
–59
–61
–63
–65
2110
2120
2130
2140
2150
2160
2170
FREQUENCY (MHz)
0°C 5MHz HIGH
25°C 5MHZ HIGH
85°C 5MHz HIGH
0°C 5MHz LOW
25°C 5MHz LOW
85°C 5MHz LOW
Figure 12. Transmit ACLR vs. Frequency and Temperature (Band 1),
Transmit Output Power = −8 dBm
–51
–53
–55
–57
–59
–61
–63
–65
1930
1940
1950
1960
1970
1980
1990
FREQUENCY (MHz)
0°C 5MHz HIGH
25°C 5MHZ HIGH
85°C 5MHz HIGH
0°C 5MHz LOW
25°C 5MHz LOW
85°C 5MHz LOW
Figure 13. Transmit ACLR vs. Frequency and Temperature (Band 2),
Transmit Output Power = −8 dBm
–54
–56
–58
–60
–62
–64
–66
865
870
875
880
885
890
895
FREQUENCY (MHz)
0°C 5MHz HIGH
25°C 5MHZ HIGH
85°C 5MHz HIGH
0°C 5MHz LOW
25°C 5MHz LOW
85°C 5MHz LOW
Figure 14. Transmit ACLR vs. Frequency and Temperature (Band 5),
Transmit Output Power = −7 dBm
5
0
–5
–10
–15
–20
–25
–30
–35
–40
0.1
1
10
100
FREQUENCY (MHz)
Figure 15. Transmit Baseband Filter Response
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
Figure 16. Transmit Synthesizer Phase Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com