Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4004-2ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4004-2ARZ-R7
Description  1.8 nV/?숰z, 36 V Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4004-2ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4004-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADA4004-1/ADA4004-2/ADA4004-4
Rev. E | Page 4 of 16
VSY = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise specified.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
40
125
μV
−40°C
≤ T
A
≤ +125°C
270
μV
Input Bias Current
IB
40
90
nA
−40°C
≤ T
A
≤ +125°C
165
nA
Input Offset Current
IOS
60
nA
−40°C
≤ T
A
≤ +125°C
100
nA
Input Voltage Range
IVR
−12.5
+12.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −12.5 V to +12.5 V
110
113
dB
−40°C
≤ T
A
≤ +125°C
100
104
dB
Open-Loop Gain
AVO
RL = 2 kΩ, VOUT = −12.0 V to +12.0 V
500
1200
V/mV
−40°C
≤ T
A
≤ +125°C
250
500
V/mV
Offset Voltage Drift
∆VOS/∆T
−40°C
≤ T
A
≤ +125°C
0.7
1
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to ground
13.4
13.6
V
−40°C
≤ T
A
≤ +125°C
13.1
13.3
V
Output Voltage Low
VOL
RL = 2 kΩ to ground
−13.3
−13.2
V
−40°C
≤ T
A
≤ +125°C
−13.25
−13.15
V
Short-Circuit Limit
ISC
25
mA
Output Current
IO
VOUT = ±13.6 V
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY =
±5 V to ±15 V
110
118
dB
−40°C
≤ T
A
≤ +125°C
110
dB
Supply Current per Amplifier
ISY
2.2
mA
−40°C
≤ T
A
≤ +125°C
2.4
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ to ground
2.7
V/μs
Gain Bandwidth Product
GBP
12
MHz
Phase Margin
ΦM
48
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
0.15
μV p-p
Voltage Noise Density
en
f = 1 kHz
1.8
nV/√Hz
Current Noise Density
in
f = 10 Hz
3.5
pA/√Hz
Current Noise Density
in
f = 200 Hz
1.2
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com