Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4004-2ARZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4004-2ARZ-R7
Description  1.8 nV/?숰z, 36 V Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4004-2ARZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4004-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4004-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADA4004-1/ADA4004-2/ADA4004-4
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±18 V or +36 V
Input Voltage
V− < VIN < V+
Differential Input Voltage
±V supply
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified with the device soldered on a circuit board with
its exposed paddle soldered to a pad (if applicable) on a 4-layer
JEDEC standard printed circuit board with zero airflow.
Table 5.
Package Type
θJA
θJC
Unit
5-Lead SOT (RJ-5)
230
92
°C/W
8-Lead SOIC (R-8), ADA4004-1
177
53
°C/W
8-Lead SOIC (R-8), ADA4004-2
155
45
°C/W
8-Lead MSOP (RM-8)
186
52
°C/W
14-Lead SOIC_N (R-14)
115
36
°C/W
16-Lead LFCSP_VQ (CP-16-4)
44
31.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com