Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4004-4ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4004-4ACPZ-R7
Description  1.8 nV/?숰z, 36 V Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4004-4ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4004-4ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADA4004-1/ADA4004-2/ADA4004-4
Rev. E | Page 8 of 16
1600
1200
800
400
0
–50
150
100
50
0
TEMPERATURE (°C)
ADA4004-4
RL = 2kΩ
VSY = ±5V
VSY = ±15V
Figure 18. Open-Loop Gain vs. Temperature
50
40
30
20
10
–10
0
10k
100M
10M
1M
100k
FREQUENCY (Hz)
G = +1
G = +10
G = +100
ADA4004-4
VSY = ±5V
Figure 19. Closed-Loop Gain vs. Frequency
1k
100
10
1
0.1
10
1k
100
100M
10M
1M
100k
10k
FREQUENCY (Hz)
G = +100
G = +10
G = +1
ADA4004-4
VSY = ±5V
Figure 20. Output Impedance vs. Frequency
50
40
30
20
10
–10
0
10k
100M
10M
1M
100k
FREQUENCY (Hz)
G = +1
G = +10
G = +100
ADA4004-4
VSY = ±15V
Figure 21. Closed-Loop Gain vs. Frequency
1k
100
10
1
0.1
10
1k
100
100M
10M
1M
100k
10k
FREQUENCY (Hz)
G = +100
G = +10
G = +1
ADA4004-4
VSY = ±15V
Figure 22. Output Impedance vs. Frequency
120
100
80
60
40
0
20
10
1k
100
10M
1M
100k
10k
FREQUENCY (Hz)
–PSRR
+PSRR
VSY = ±15V, ±5V
VIN = 50mV
ADA4004-4
Figure 23. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com