Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4004-4ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4004-4ACPZ-R7
Description  1.8 nV/?숰z, 36 V Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4004-4ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4004-4ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4004-1/ADA4004-2/ADA4004-4
Rev. E | Page 9 of 16
126
122
118
114
110
106
–50
150
100
50
0
TEMPERATURE (°C)
ADA4004-4
VSY = ±15V, ±5V
Figure 24. PSRR vs. Temperature
140
120
100
80
–50
150
100
50
0
TEMPERATURE (°C)
ADA4004-4
VSY = ±5V
VSY = ±15V
Figure 25. CMRR vs. Temperature
10
1
0.1
0.01
100
10
1
0.1
ILOAD (mA)
VOL
VOH
ADA4004-4
VSY = ±5V
Figure 26. Output Voltage vs. Current Load
120
100
80
60
40
0
20
100
10k
1k
10M
1M
100k
FREQUENCY (Hz)
VSY = ±15V, ±5V
VIN = 50mV
ADA4004-4
Figure 27. CMRR vs. Frequency
10
1
0.1
0.01
100
10
1
0.1
ILOAD (mA)
VOL
VOH
ADA4004-4
VSY = ±15V
Figure 28. Output Voltage vs. Current Load
90
80
70
60
50
20
30
40
10
0
0.1
0.01
100
10
1
CLOAD (nF)
VSY = ±15V
VIN = 1kHz
VIN = ±50mV
±OS
VIN = ±100mV
±OS
ADA4004-4
Figure 29. Small-Signal Overshoot vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com