Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP150
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP150 Datasheet HTML 9Page - Analog Devices ADP150 Datasheet HTML 10Page - Analog Devices ADP150 Datasheet HTML 11Page - Analog Devices ADP150 Datasheet HTML 12Page - Analog Devices ADP150 Datasheet HTML 13Page - Analog Devices ADP150 Datasheet HTML 14Page - Analog Devices ADP150 Datasheet HTML 15Page - Analog Devices ADP150 Datasheet HTML 16Page - Analog Devices ADP150 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP150
Rev. 0 | Page 13 of 20
To guarantee the performance of the ADP150, it is imperative
that the effects of the dc bias, temperature, and tolerances on
the behavior of the capacitors be evaluated for each.
UNDERVOLTAGE LOCKOUT
The ADP150 has an internal undervoltage lockout circuit that
disables all inputs and the output when the input voltage is less
than approximately 2.0 V. This ensures that the ADP150 inputs
and output behave in a predictable manner during power-up.
ENABLE FEATURE
The ADP150 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 30,
when a rising voltage on EN crosses the active threshold, VOUT
turns on. When a falling voltage on EN crosses the inactive
threshold, VOUT turns off.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VEN
Figure 30. Typical EN Pin Operation
As shown in Figure 30, the EN pin has hysteresis built in. This
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the VIN
voltage; therefore, these thresholds vary with changing input
voltage. Figure 31 shows the typical EN active/inactive thresholds
when the input voltage varies from 2.2 V to 5.5 V.
1.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VIN (V)
5.5
5.3
4.8
4.3
3.8
3.3
2.8
2.3
RISING
FALLING
Figure 31. Typical EN Pin Thresholds vs. Input Voltage (VIN)
The ADP150 uses an internal soft start to limit the inrush current
when the output is enabled. The start-up time for the 3.3 V
option is approximately 150 μs from the time the EN active
threshold is crossed to when the output reaches 90% of its final
value. As shown in Figure 32, the start-up time is dependent on the
output voltage setting.
1
1
1
CH1 1V
CH2 1V
CH3 1V
CH4 1V
M40.0µs
A CH1
3.24V
T
240.000ns
1
T
EN
VOUT = 3.3V
VOUT = 2.8V
VOUT = 1.8V
Figure 32. Typical Start-Up Time
CURRENT LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP150 is protected against damage due to excessive
power dissipation by current and thermal overload protection
circuits. The ADP150 is designed to limit current when the
output load reaches 260 mA (typical). When the output load
exceeds 260 mA, the output voltage is reduced to maintain a
constant current limit.
Thermal overload protection is included, which limits the junction
temperature to a maximum of 150°C (typical). Under extreme
conditions (that is, high ambient temperature and power dissipation)
when the junction temperature starts to rise above 150°C, the
output is turned off, reducing the output current to zero. When
the junction temperature drops below 135°C, the output is turned
on again and the output current is restored to its nominal value.
Consider the case where a hard short from VOUT to GND occurs.
At first, the ADP150 limits current so that only 260 mA is
conducted into the short. If self-heating of the junction is great
enough to cause its temperature to rise above 150°C, thermal
shutdown activates, turning off the output and reducing the
output current to zero. As the junction temperature cools and
drops below 135°C, the output turns on and conducts 260 mA
into the short, again causing the junction temperature to rise
above 150°C. This thermal oscillation between 135°C and 150°C
causes a current oscillation between 260 mA and 0 mA that
continues as long as the short remains at the output.
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For reliable
operation, device power dissipation must be externally limited
so that the junction temperatures do not exceed 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com