Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3629 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3629
Description  High Speed, Dual, 2 A MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3629 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3629 Datasheet HTML 8Page - Analog Devices ADP3629 Datasheet HTML 9Page - Analog Devices ADP3629 Datasheet HTML 10Page - Analog Devices ADP3629 Datasheet HTML 11Page - Analog Devices ADP3629 Datasheet HTML 12Page - Analog Devices ADP3629 Datasheet HTML 13Page - Analog Devices ADP3629 Datasheet HTML 14Page - Analog Devices ADP3629 Datasheet HTML 15Page - Analog Devices ADP3629 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP3629/ADP3630/ADP3631
Rev. 0 | Page 13 of 16
THERMAL CONSIDERATIONS
When designing a power MOSFET gate drive, the maximum
power dissipation in the driver must be considered to avoid
exceeding the maximum junction temperature.
Data on package thermal resistance is provided in Table 3 to
help the designer in this task.
Several equally important aspects must also be considered.
•
Gate charge of the power MOSFET being driven
•
Bias voltage value used to power the driver
•
Maximum switching frequency of operation
•
Value of external gate resistance
•
Maximum ambient (and PCB) temperature
•
Type of package
All of these factors influence and limit the maximum allowable
power dissipated in the driver.
The gate of a power MOSFET has a nonlinear capacitance
characteristic. For this reason, although the input capacitance
is usually reported in the MOSFET data sheet as CISS, it is not
useful to calculate power losses.
The total gate charge necessary to turn on a power MOSFET
device is usually reported on the device data sheet under QG.
This parameter varies from a few nanocoulombs (nC) to several
hundreds of nC and is specified at a specific VGS value (10 V
or 4.5 V).
The power necessary to charge and then discharge the gate of a
power MOSFET can be calculated as follows:
PGATE = VGS × QG × fSW
where:
VGS is the bias voltage powering the driver (VDD).
QG is the total gate charge.
fSW is the maximum switching frequency.
The power dissipated for each gate (PGATE) must be multiplied
by the number of drivers (in this case, 1 or 2) being used in each
package; this PGATE value represents the total power dissipated in
charging and discharging the gates of the power MOSFETs.
Not all of this power is dissipated in the gate driver because
part of it is actually dissipated in the external gate resistor, RG.
The larger the external gate resistor, the smaller the amount of
power that is dissipated in the gate driver.
In modern switching power applications, the value of the gate
resistor is kept at a minimum to increase switching speed and
to minimize switching losses.
In all practical applications where the external resistor is in the
order of a few ohms, the contribution of the external resistor
can be ignored, and the extra loss is assumed to be in the driver,
providing a good guard band for the power loss calculations.
In addition to the gate charge losses, there are also dc bias losses
(PDC) due to the bias current of the driver. This current is present
regardless of the switching frequency.
PDC = VDD × IDD
The total estimated loss is the sum of PDC and PGATE.
PLOSS = PDC + (n × PGATE)
where n is the number of gates driven.
When the total power loss is calculated, the temperature
increase can be calculated as follows:
ΔTJ = PLOSS × θJA
Design Example
For example, consider driving two IRFS4310Z MOSFETs with a
VDD of 12 V at a switching frequency of 100 kHz, using an
ADP3630 in the MSOP package.
The maximum PCB temperature considered for this design is 85°C.
From the MOSFET data sheet, the total gate charge is QG = 120 nC.
PGATE = 12 V × 120 nC × 100 kHz = 144 mW
PDC = 12 V × 1.2 mA = 14.4 mW
PLOSS = 14.4 mW + (2 × 144 mW) = 302.4 mW
The MSOP thermal resistance is 162.2°C/W (see Table 3).
ΔTJ = 302.4 mW × 162.2°C/W = 49.0°C
TJ = TA + ΔTJ = 134.0°C ≤ TJ_MAX
This estimated junction temperature does not factor in the
power dissipated in the external gate resistor and, therefore,
provides a certain guard band.
If a lower junction temperature is required by the design,
the SOIC_N package, which provides a thermal resistance
of 110.6°C/W, can be used. Using the SOIC_N package, the
maximum junction temperature is
ΔTJ = 302.4 mW × 110.6°C/W = 33.4°C
TJ = TA + ΔTJ = 118.4°C ≤ TJ_MAX
Other options to reduce power dissipation in the driver include
reducing the value of the VDD bias voltage, reducing the switching
frequency, and choosing a power MOSFET with a smaller gate
charge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com