Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP122AUJZ-2.9-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP122AUJZ-2.9-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122AUJZ-2.9-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP122AUJZ-2.9-R7 Datasheet HTML 8Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 9Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 10Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 11Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 12Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 13Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 14Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 15Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP122/ADP123
Rev. 0 | Page 12 of 20
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP122/ADP123 are designed for operation with small,
space-saving ceramic capacitors, but these devices can function
with most commonly used capacitors as long as care is taken to
ensure an appropriate effective series resistance (ESR) value. The
ESR of the output capacitor affects the stability of the LDO control
loop. A minimum of 0.70 μF capacitance with an ESR of 1 Ω or
less is recommended to ensure stability of the ADP122/ADP123.
The transient response to changes in load current is also affected by
the output capacitance. Using a larger value of output capacitance
improves the transient response of the ADP122/ADP123 to
dynamic changes in load current. Figure 28 and Figure 29 show
the transient responses for output capacitance values of 1 μF and
4.7 μF, respectively.
CH1 200mA
Ω B
W
CH2 50.0mV
B
W
M 400ns A CH1
196mA
1
2
T
14.80%
VOUT
VIN = 3.7V
VOUT = 3.3V
1mA TO 300mA LOAD STEP
IOUT
Figure 28. Output Transient Response, COUT = 1 μF
CH1 200mA
Ω B
W
CH2 20.0mV
M 400ns
A CH1
196mA
1
2
T
15.00%
VOUT
VIN = 3.7V
VOUT = 3.3V
1mA TO 300mA LOAD STEP
IOUT
Figure 29. Output Transient Response, COUT = 4.7 μF
Input Bypass Capacitor
Connecting a 1 μF capacitor from VIN to GND reduces the circuit
sensitivity to the printed circuit board (PCB) layout, especially
when a long input trace or high source impedance is encountered.
If greater than 1 μF of output capacitance is required, the input
capacitor should be increased to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitors can be used with the ADP122/
ADP123, as long as the capacitor meets the minimum capacitance
and maximum ESR requirements. Ceramic capacitors are manu-
factured with a variety of dielectrics, each with different behavior
over temperature and applied voltage. Capacitors must have an
adequate dielectric to ensure the minimum capacitance over the
necessary temperature range and dc bias conditions. Using an
X5R or X7R dielectric with a voltage rating of 6.3 V or 10 V is
recommended. However, using Y5V and Z5U dielectrics is not
recommended for any LDO, due to their poor temperature and
dc bias characteristics.
Figure 30 depicts the capacitance vs. capacitor voltage bias charac-
teristics of a 0603, 1 μF, 6.3 V X5R capacitor. The voltage stability of
a capacitor is strongly influenced by the capacitor size and the
voltage rating. In general, a capacitor in a larger package or of a
higher voltage rating exhibits better stability. The temperature
variation of the X5R dielectric is about ±15% over the −40°C to
+85°C temperature range and is not a function of package or
voltage rating.
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
0
1234
567
BIAS VOLTAGE (V)
Figure 30. Capacitance vs. Capacitor Voltage Bias Characteristics
Equation 1 can be used to determine the worst-case capacitance,
accounting for capacitor variation over temperature, component
tolerance, and voltage.
CEFF = C × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CEFF is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.
The tolerance of the capacitor (TOL) is assumed to be 10%, and
C is 0.96 μF at 4.2 V from the graph in Figure 30.
Substituting these values in Equation 1 yields
CEFF = 0.96 μF × (1 − 0.15) × (1 − 0.1) = 0.734 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com