Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP122AUJZ-2.9-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP122AUJZ-2.9-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122AUJZ-2.9-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP122AUJZ-2.9-R7 Datasheet HTML 12Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 13Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 14Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 15Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 16Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 17Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 18Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 19Page - Analog Devices ADP122AUJZ-2.9-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP122/ADP123
Rev. 0 | Page 16 of 20
140
120
100
80
60
40
20
0
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 250mA
ILOAD = 300mA
TJ MAX
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Figure 40. Junction Temperature vs. Power Dissipation,
Board Temperature = 85°C
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP122/ADP123.
However, as shown in Table 6, a point of diminishing returns
eventually is reached, beyond which an increase in the copper
size does not yield significant heat dissipation benefits.
The input capacitor should be placed as close as possible to the
VIN and GND pins, and the output capacitor should be placed
as close as possible to the VOUT and GND pins. Use of 0402 or
0603 size capacitors and resistors achieves the smallest possible
footprint solution on boards where the area is limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com