Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6348-33ARTZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM6348-33ARTZ-R7
Description  Ultralow Power, 3-Lead, SOT-23 Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6348-33ARTZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADM6348-33ARTZ-R7 Datasheet HTML 1Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 2Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 3Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 4Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 5Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 6Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 7Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 8Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM6326/ADM6328/ADM6346/ADM6348
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = −40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C and VCC = 3 V. Overtemperature limits are guaranteed by design.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING VOLTAGE RANGE, VCC
1.0
5.5
V
INPUT CURRENT, ICC
0.5
1.0
μA
ADM6326/ADM6328 only, VCC = 3.0 V for VTH ≤
2.93 V, VCC = 3.2 V for VTH > 2.93 V, no load
1.0
1.75
μA
VCC = 5.5 V, no load
RESET THRESHOLD
Threshold Voltage, VTH (See Table 2)
VTH − 2.5%
VTH
VTH + 2.5%
V
VTH − 1.5%
VTH
VTH + 1.5%
V
TA = 25°C
Temperature Coefficient
40
ppm/°C
Hysteresis
ADM6326/ADM6328
6.3
mV
ADM6346/ADM6348
9.5
mV
TIMING CHARACTERISTICS
VCC to Reset Delay (tRD)
20
μs
VCC = VTH to (VTH − 100 mV)
Reset Active Timeout Period (tRP)
100
185
280
ms
RESET OUTPUT VOLTAGE LOW, VOL
0.3
V
VCC > 2.1 V, ISINK = 1.6 mA, reset asserted
0.4
V
VCC ≥ 1.2 V, ISINK = 100 μA, reset asserted
RESET OUTPUT VOLTAGE HIGH, VOH
0.8 × VCC
V
ADM6326 only, VCC = 3.2 V, ISOURCE = 500 μA
0.8 × VCC
V
ADM6326/ADM6346 only, VCC = 4.5 V,
ISOURCE = 800 μA, VTH ≤ 4.38 V
0.8 × VCC
V
ADM6326/ADM6346 only, VCC = VTH(MAX),
ISOURCE = 800 μA, VTH ≥ 4.5 V
OPEN-DRAIN RESET OUTPUT LEAKAGE CURRENT
0.1
μA
Table 2. Reset Threshold Voltage
TA = 25°C
TA = −40°C to +85°C
Parameter
Min
Typ
Max
Min
Max
Unit
RESET THRESHOLD VOLTAGE (VTH)
ADM632x-22
2.167
2.2
2.233
2.145
2.25
V
ADM632x-23
2.285
2.32
2.355
2.262
2.375
V
ADM632x-24
2.364
2.4
2.436
2.34
2.46
V
ADM632x-25
2.462
2.5
2.537
2.437
2.562
V
ADM632x-26
2.591
2.63
2.669
2.564
2.696
V
ADM632x-27
2.66
2.7
2.741
2.633
2.768
V
ADM632x-28
2.758
2.8
2.842
2.73
2.87
V
ADM632x-29
2.886
2.93
2.974
2.857
3.0
V
ADM632x-30
2.955
3.00
3.045
2.925
3.075
V
ADM632x-31
3.034
3.08
3.126
3.003
3.15
V
ADM634x-33
3.25
3.3
3.35
3.217
3.383
V
ADM634x-34
3.349
3.4
3.451
3.315
3.485
V
ADM634x-35
3.447
3.5
3.552
3.412
3.587
V
ADM634x-36
3.546
3.6
3.654
3.51
3.69
V
ADM634x-37
3.644
3.7
3.755
3.607
3.792
V
ADM634x-38
3.743
3.8
3.857
3.705
3.895
V
ADM634x-39
3.841
3.9
3.958
3.802
3.997
V
ADM634x-40
3.94
4.0
4.06
3.9
4.1
V
ADM634x-41
4.038
4.1
4.161
3.997
4.202
V
ADM634x-42
4.137
4.2
4.263
4.095
4.305
V
ADM634x-43
4.235
4.3
4.364
4.192
4.407
V
ADM634x-44
4.314
4.38
4.446
4.27
4.489
V
ADM634x-45
4.432
4.5
4.567
4.387
4.612
V
ADM634x-46
4.56
4.63
4.699
4.514
4.746
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com