Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6348-33ARTZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM6348-33ARTZ-R7
Description  Ultralow Power, 3-Lead, SOT-23 Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6348-33ARTZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADM6348-33ARTZ-R7 Datasheet HTML 1Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 2Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 3Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 4Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 5Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 6Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 7Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 8Page - Analog Devices ADM6348-33ARTZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM6326/ADM6328/ADM6346/ADM6348
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RESET
GND
1
2
VCC
3
ADM6326/
ADM6328/
ADM6346/
ADM6348
TOP VIEW
(Not to Scale)
Figure 3. ADM6326/ADM6328/ADM6346/ADM6348 Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Reference for All Signals; 0 V.
2
RESET
Active Low Logic Output. This pin is low when VCC is less than the reset threshold; it remains low for 185 ms
(typical) after VCC becomes greater than the reset threshold.
3
VCC
Supply Voltage Being Monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com