Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P2602SC3 Datasheet(PDF) 11 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SC3
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SC3 Datasheet(HTML) 11 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602SC3 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 15Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 11 of 28
Reset value for timer is 1FFFFH, and it counts down.
WDT overflow reset signal is generated if the 17
th bit of timer is converted from “1” to “0”.
Timer is reset if system is reset (including power-up reset, low-voltage reset and WDT overflow reset), HOLD is
cleared or reset instruction TMRST is executed.
Program is only executed when the 12
th bit of time is converted from “1” to “0” after HOLD cleared.
18. Carrier generator
Various carrier with different duty factors and frequencies are generated through setting high/low level duration by
carrier register (see CH0, CH1, CL0, CL1 description).
19. I/O port
SC73P2602 has 5 groups (20 in all) of I/O ports and most have both input/output modes (except P00 and P01
can only be used as input and P53 can only be used as output), details are as follows:
P00-P01: input pin with pull-up resistor. It can be used for keyboard scan input and input low level can clear
HOLD status;
P02-P03: input/output port. The input/output characteristic is decided by PR. When used as input port, it has pull-
up resistor and can be used as keyboard scan input, input low level can clear HOLD status; when used as output
pin, it can be used for keyboard scan output and output low level can drive LED directly.
P10-P13: same as P02;
P20-P23: same as P02;
P30-P33: same as P02;
P50-P52: same as P02;
P53: output infrared remote signal with carrier. There are two structures: push-pull structure is for external
infrared emitter driving and big current open-drain structure is for driving infrared emitter directly, with
opposite pole of the former structure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com