Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC73P2602SC3 Datasheet(PDF) 16 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SC3
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SC3 Datasheet(HTML) 16 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602SC3 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC73P2602SC3 Datasheet HTML 20Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 16 of 28
03.
ADD A, #k
Add immediate K to accumulator. And store the sum in the ACC. This will
affect SF, SF=/C.
04.
ADD LL, #k
Add immediate K to the LL register and store the sum in the LL. This will
affect SF, SF=/C.
05.
SUBRC A, @LL
Subtract instruction with borrow (the complement of carry). Subtract the
contents of the accumulator from the contents of RAM pointed at by the LL
register, subtract the complement of the carry bit, then store the results in the
accumulator, transfer the carry bit to the CF, this will affect SF and CF,
SF=C.
06.
INC @LL
Increment instruction. Increment the contents of RAM pointed at by the LL
register by 1. This will affect SF, SF=/C.
07.
DEC @LL
Decrement instruction. Decrement the contents of RAM pointed at by the LL
register by 1. This will affect SF, SF=C.
08.
INC LL
Increment instruction. Increment the contents of the LL register by 1. This
will affect SF, SF=/C.
09
DEC LL
Subtract 1 from the content in register LL. SF is affected, SF=C.
10.
INC D
Increment instruction. Increment the contents of the DC register by 1. This
will affect SF, SF=/C.
11.
INC H
Increment instruction. Increment the contents of the HR register by 1. This
will affect SF, SF=/C.
12.
INC B
Increment instruction. Increment the contents of the BR register by 1. This
will affect SF, SF=/C.
13.
DEC D
Decrement instruction. Decrement the contents of the DC register by 1. This
will affect SF, SF=C.
14.
DEC H
Decrement instruction. Decrement the contents of the HR register by 1. This
will affect SF, SF=C.
15.
DEC B
Decrement instruction. Decrement the contents of the BR register by 1. This
will affect SF, SF=C.
16.
AND A, @LL
The contents of the accumulator and RAM pointed at by the LL register are
ANDed and the results are stored in the accumulator. SF is changed, SF=/Z.
17.
OR A, @LL
The contents of the accumulator and RAM pointed at by the LL register are
ORed and the results are stored in the accumulator. SF is changed, SF=/Z.
18.
XOR A,@LL
The contents of the accumulator and RAM pointed at by the LL register are
XORed and the results are stored in the accumulator. SF is changed, SF=/Z.
4.
Bit operation instructions
Flag
Instruction
Operation
CF
SF
Cycle
CLR @LL, b
RAM(LL)b
←0
-
1
2
SET @LL, b
RAM(LL)b
←1
-
1
2
TEST @LL, b
SF
←/RAM(LL)b
-
*
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com