Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9822P Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC9822P
Description  MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9822P Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC9822P Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 17Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SC9822P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 13 of 30
3) DecodeMp3
InpRegHigh&InpRegLow is 16 bits unsigned number, indicate the playing music file number; InpReg2High
is an 8 bits unsigned number, indicate whether this music needs ID3 decode;
4) PreDecodeFinished
OutReg1High&OutReg1Low, 16 bits unsigned number, is used to indicate the ID3 start page address in
the process of PreDecode after ID3 decode; OutReg2High, 8 bits unsigned number, ID3 shift address; If
these three registers are all 0xFF, this song will not contain ID3 information;
5) ContinueAfterPreDecode
After host detects the PreDecodeFinished, the system will send command for playing music; and the host
has read the ID3 information before send command.
6) FastForward
InpReg1High, is used to express the second of each fastforward unit; InpReg1Low, is used to express the
fastforward ratio, the detail see the following table:
InpRegHigh
00h
10h
20h
30h
play time(s)
0.5
1
2
4
Not support others
InpRegLow
00h
01h
02h
03h
Skip scale
1:1
1:2
1:4
1:8
Skip scale is the ratio of play time and leap time.
7) FastBackward
InpReg1High, is used to express the second of each fastbackward unit; InpReg1Low
is used to express
the fastforward ratio; Where the meanings of InpRegHigh is the same as fastforward; but the InpRegLow is
different, it expresses n of the play time: skip time=1: n.
8) RequestData
OutReg1High, OutReg1Low, OutReg2High are the MSF of download address;
9) OperationErr
Except SetUpCDFS, if host detects the OperationErr at other state, it will send ForwardSkipFrame
command; if the host received this command time after time during one song, it indicates this song has been
serious damaged; it can jump to the next song.
10 SetUpCDFS2
Establish the tile document system; the meanings of the input and output parameter is the same as
SetUpCDFS;
11 GetVersion
Return to the current version number, OutRegHigh is the main version number, and the OutRegLow is the
vice version number.
12 SetMaxPhysicalMSF
The master indicates the SC9822P the maximum physical address of the CD by this command. The
registers InpReg1High, InpReg1Low, and InpReg2High are corresponding to MSF value;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com