Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9822P Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9822P
Description  MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9822P Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9822P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9822P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SC9822P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 2 of 30
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
Kernel Voltage
VCCInt
1.4 ~ 2.3
V
Port Voltage
VCCIO
2.9 ~ 4.2
V
Input Voltage on pins
VIN
-0.3 ~VCCIO + 0.3
V
Ambient Temperature
Tamb
-20~90
°C
Storage Temperature
Tstg
-60~150
°C
ELECTRICAL CHARACTERISTICS (VCCINT=1.8V, VCCIO=3.3V, Tamb=25°C)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Kernel
Operating
Voltage
VCCInt
Normal working
1.6
1.8
2.0
V
Port
Operating
Voltage
VCCIO
Normal working
3.1
3.3
3.9
V
IDDInt
Kernel VDD1.8 supply current
--
5.3
--
µA
Quiescent Current
IDDIO
Port VDD3.3 supply current
--
0
--
µA
ICCInt
Kernel VDD1.8 supply current
10.1
--
11.9
mA
Operating Current
ICCIO
Port VDD3.3 supply current
1.3
--
2.5
mA
Operating Frequency
MClk
--
--
16.9344
--
MHz
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com