Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007CDWF Datasheet(PDF) 1 Page - Linear Technology

Part # LT1007CDWF
Description  Low Noise, High Speed Precision Op Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1007CDWF Datasheet(HTML) 1 Page - Linear Technology

  LT1007CDWF Datasheet HTML 1Page - Linear Technology LT1007CDWF Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE/DWF SPECIFICATION
1
LT1007
1007dice/dwffa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PAD FUNCTION
1.
2.
3.
4.
5.
6.
7.
8.
VOS TRIM
–IN
+IN
V–
NO CONNECT
OUT
V+
VOS TRIM
Backside (substrate)
is an alloyed gold layer.
Connect to V–
DIE CROSS REFERENCE
LTC Finished
Part Number
Order
Part Number
LT1007C
LT1007CDICE
LT1007C
LT1007CDWF*
Please refer to LTC standard product data sheet for
other applicable product information.
*DWF = DICE in wafer form.
Low Noise, High Speed
Precision Op Amp
DICE/DWF ELECTRICAL TEST LIMITS VS = ±15V, VCM = 0V, TA = 25°C.
7
6
8
1
2
3
4
99mils
× 83mils,
12mils thick
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage
(Note 1)
60
μV
IOS
Input Offset Current
50
nA
IB
Input Bias Current
±55
nA
Input Voltage Range
±11.0
V
CMRR
Common Mode Rejection Ratio
VCM = ±11
110
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
106
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±12V
RL ≥ 1k, VO = ±10V
5
3.5
V/μV
V/μV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
RL ≥ 600Ω
±12.5
±10.5
V
V
SR
Slew Rate
RL ≥ 2k
1.7
V/μs
IS
Supply Current
4.7
mA
Note 1: Input offset voltage measurements are performed by automatic
equipment, approximately 0.5 seconds after application of power.


Similar Part No. - LT1007CDWF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1007CDW TI-LT1007CDW Datasheet
306Kb / 24P
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - LT1007CDWF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829 AD-AD829 Datasheet
321Kb / 12P
High-Speed, Low-Noise Video Op Amp
REV.E
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
Analog Devices
AD829 AD-AD829_15 Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD829 AD-AD829_17 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com