Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3855 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 17Page - Linear Technology LTC3855 Datasheet HTML 18Page - Linear Technology LTC3855 Datasheet HTML 19Page - Linear Technology LTC3855 Datasheet HTML 20Page - Linear Technology LTC3855 Datasheet HTML 21Page - Linear Technology LTC3855 Datasheet HTML 22Page - Linear Technology LTC3855 Datasheet HTML 23Page - Linear Technology LTC3855 Datasheet HTML 24Page - Linear Technology LTC3855 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
LTC3855

3855f
applicaTions inForMaTion
A reasonable starting point is to choose a ripple current
that is about 40% of IOUT(MAX) for a duty cycle less than
40%. Note that the largest ripple current occurs at the
highestinputvoltage.Toguaranteethatripplecurrentdoes
not exceed a specified maximum, the inductor should be
chosen according to:
L
≥
VIN – VOUT
fOSC •IRIPPLE
•
VOUT
VIN
For duty cycles greater than 40%, the 10mV current
sense ripple voltage requirement is relaxed because the
slope compensation signal aids the signal-to-noise ratio
and because a lower limit is placed on the inductor value
to avoid subharmonic oscillations. To ensure stability for
duty cycles up to the maximum of 95%, use the following
equation to find the minimum inductance.
L
V
f
I
MIN
OUT
SW LOAD MAX
>
•
• .
(
)
1 4
where
LMIN is in units of µH
fSW is in units of MHz
Inductor Core Selection
Once the inductance value is determined, the type of in-
ductor must be selected. Core loss is independent of core
size for a fixed inductor value, but it is very dependent
on inductance selected. As inductance increases, core
losses go down. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Power MOSFET and Schottky Diode
(Optional) Selection
Two external power MOSFETs must be selected for each
controller in the LTC3855: one N-channel MOSFET for the
top (main) switch, and one N-channel MOSFET for the
bottom (synchronous) switch.
The peak-to-peak drive levels are set by the INTVCC
voltage. This voltage is typically 5V during start-up
(see EXTVCC Pin Connection). Consequently, logic-level
threshold MOSFETs must be used in most applications.
The only exception is if low input voltage is expected (VIN
< 5V); then, sub-logic level threshold MOSFETs (VGS(TH)
< 3V) should be used. Pay close attention to the BVDSS
specification for the MOSFETs as well; most of the logic
level MOSFETs are limited to 30V or less.
Selection criteria for the power MOSFETs include the
on-resistance RDS(ON), Miller capacitance CMILLER, input
voltage and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge curve
usually provided on the MOSFET manufacturers’ data
sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
Main Switch Duty Cycle
=
VOUT
VIN
Synchronous Switch Duty Cycle
=
VIN – VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com