Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3855 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC3855 Datasheet HTML 35Page - Linear Technology LTC3855 Datasheet HTML 36Page - Linear Technology LTC3855 Datasheet HTML 37Page - Linear Technology LTC3855 Datasheet HTML 38Page - Linear Technology LTC3855 Datasheet HTML 39Page - Linear Technology LTC3855 Datasheet HTML 40Page - Linear Technology LTC3855 Datasheet HTML 41Page - Linear Technology LTC3855 Datasheet HTML 42Page - Linear Technology LTC3855 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
LTC3855

3855f
Typical applicaTions
Figure 23. Triple Phase 1V, 50A Supply with Auxillary 3.3V, 5A Rail, fSW = 400kHz
TG1
BOOST1
PGND1
BG1
VIN
INTVCC
EXTVCC
BG2
PGND2
BOOST2
TK/SS1
ITH1
VFB1
SGND
VFB2
ITH2
TK/SS2
SENSE2+
SENSE2–
DIFFP
13.3k
1nF
20k
PGOOD1V
2k
100
100k
RUN1
RUN1
RUN2
100
100k
2.2
4.7µF
0.1µF
0.1µF
LTC3855
10µF
3
270µF
16V
330pF
4700pF
1nF
CMDSH-3
M4
RJK0330DPB
M3
RJK0305DPB
M2
RJK0330DPB
M1
RJK0305DPB
CMDSH-3
1µF
L1
0.3µH
L2
0.3µH
0.002
1%
0.002
1%
VIN
4.5V TO
14V
VOUT1
1V
50A
+
COUT1
100µF
6.3V
3
COUT2
470µF
2.5V
4
+
100
100
0.1µF
L1, L2, L3: VITEC 59PR9874
L4: WURTH 744311220
COUT1, COUT3: TDK C3225X5R0J107M
COUT2: KEMET T530D477M2R5ATE006
3855 F23
TG1
BOOST1
PGND1
BG1
VIN
INTVCC
EXTVCC
BG2
PGND2
BOOST2
TK/SS1
ITH1
VFB1
SGND
VFB2
ITH2
TK/SS2
SENSE2+
SENSE2–
DIFFP
90.9k
0.1µF
20k
PGOOD3.3V
10k
100
RUN1
100k
100
100k
2.2
4.7µF
0.1µF
0.1µF
LTC3855
100pF
0.1µF
3300pF
1nF
CMDSH-3
M7
S4816BDY
M6
RJK0330DPB
M5
RJK0305DPB
CMDSH-3
1µF
L3
0.3µH
0.002
1%
VOUT2
3.3V
5A
COUT3
100µF
6.3V
L4
2.2µH
4.99k
2.49k
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com