Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6011 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6011
Description  Solar Cell System Manager
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6011 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6011 Datasheet HTML 1Page - Micro Analog systems MAS6011 Datasheet HTML 2Page - Micro Analog systems MAS6011 Datasheet HTML 3Page - Micro Analog systems MAS6011 Datasheet HTML 4Page - Micro Analog systems MAS6011 Datasheet HTML 5Page - Micro Analog systems MAS6011 Datasheet HTML 6Page - Micro Analog systems MAS6011 Datasheet HTML 7Page - Micro Analog systems MAS6011 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DA6011.000
15 September 2008
2 (8)
PAD LAYOUT: MAS6011AA3
1040 µ
µ
µ
µ
m
SOL
VDD
GND
LB
XPD
MAS6011
DIE size = 1040 mm x 1540 mm
PAD size = 80 x 80 µm
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages
(ESD). Make sure that GND is the first pad to be bonded. Pick-and-place and all component assembly are
recommended to be performed in ESD protected area.
Note: If the die is to be placed on metal plane, the metal plane should be connected to GND or left floating
because the substrate of the die is internally connected to GND.
Note: Coordinates are pad center points where origin has been located in the center of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Power Supply Ground
GND
-129 µm
563 µm
Power Down Output
XPD
253 µm
563 µm
Solar Charging Output
SOL
-167 µm
-563 µm
Power Supply Voltage
VDD
102 µm
-563 µm
Low Battery Output
LB
253 µm
-563 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com