Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6011 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6011
Description  Solar Cell System Manager
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6011 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6011 Datasheet HTML 1Page - Micro Analog systems MAS6011 Datasheet HTML 2Page - Micro Analog systems MAS6011 Datasheet HTML 3Page - Micro Analog systems MAS6011 Datasheet HTML 4Page - Micro Analog systems MAS6011 Datasheet HTML 5Page - Micro Analog systems MAS6011 Datasheet HTML 6Page - Micro Analog systems MAS6011 Datasheet HTML 7Page - Micro Analog systems MAS6011 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DA6011.000
15 September 2008
3 (8)
FUNCTIONAL DESCRIPTION
The solar manager generates three signals: XPD
(Power Down), LB (Low Battery) and SOL (Solar
Charging).
These signals are produced by three comparators
which have hysteresis build in. Each comparator
compares supply voltage (VDD) to internal switching
levels (see Electrical Characteristics on the next
page). The current consumption of the comparators
is extremely low. The electrical parameters are
described
more
detailed
in
the
Electrical
Characteristics chapter.
XPD signal can be used to stop the whole system
whenever the power supply level has dropped low
enough. When the power supply voltage is too low
the XPD goes low to signal the microcontroller to go
to power down. When the power supply voltage is
high enough the XPD goes high signaling power up
situation.
In case of low power microcontroller (max current
consumption about 150 µA) the XPD pin can be
used
to
feed
supply voltage
directly to
the
microcontroller by connecting XPD pin to the supply
voltage pin of the microcontroller (see application
figure 3).
LB signal indicates that the battery is low but not
empty. LB goes high when power supply level is too
low and LB goes low when power supply level is
high enough.
SOL is used for controlling the charging of the
rechargeable battery. When power supply voltage
goes high enough, the internal PMOS switch
between VDD and SOL pins is switched on to shunt
the solar cell charging current and to prevent battery
overcharging. When the power supply voltage is not
too
high
the
internal
PMOS
switch
is
non-
conductive.
In operation without an external Schottky diode
between the pins SOL and GND, the voltage at pin
SOL is clamped to about 700 mV below GND by an
internal diode-connected PNP transistor.
MAS6011 does not have any control pin. After the
power supply is connected the device is ready to be
used.
Figure 1 illustrates MAS6011 functions and shows
the comparator switching levels at both battery
charging (rising VDD) and discharging (falling VDD)
conditions. The XPD, LB and SOL switching levels
have
been
designed
for
usage
of
VL-type
rechargeable lithium batteries.
2.0V
2.5V
3.0V
3.2V
3.1V
2.7V
2.9V
2.8V
2.6V
2.2V
2.4V
2.3V
2.1V
3.3V
VDD
SOL_OFF (charging off)
SOL_ON (charging on)
LB_OFF (low battery off)
LB_ON
(low battery on)
XPD_OFF (power down off)
XPD_ON
(power down on)
BATTERY CHARGING
(VDD RISING)
BATTERY DISCHARGING
(VDD FALLING)
Figure 1. MAS6011 functions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com