Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8166 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F8166
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8166 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F8166 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 182 page
background image
Signal Pins
56F8366 Technical Data, Rev. 7
Freescale Semiconductor
21
Preliminary
A6
(GPIOE2)
17
Output
Schmitt
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
Address Bus — A6 - A7 specify two of the address lines for
external program or data memory accesses.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), A6–A7 and EMI control signals are tri-stated when the
external bus is inactive.
Most designs will want to change the DRV state to DRV = 1 instead of
using the default setting.
Port E GPIO — These two GPIO pins can be individually
programmed as input or output pins.
After reset, the default state is Address Bus.
To deactivate the internal pull-up resistor, set the appropriate
GPIO bit in the GPIOE_PUR register.
Example: GPIOE2, set bit 2 in the GPIOE_PUR register.
A7
(GPIOE3)
18
A8
(GPIOA0)
19
Output
Schmitt
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
Address Bus— A8 - A15 specify eight of the address lines for
external program or data memory accesses.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), A8–A15 and EMI control signals are tri-stated when
the external bus is inactive.
Most designs will want to change the DRV state to DRV = 1 instead of
using the default setting.
Port A GPIO — These eight GPIO pins can be individually
programmed as input or output pins.
After reset, the default state is Address Bus.
To deactivate the internal pull-up resistor, set the appropriate
GPIO bit in the GPIOA_PUR register.
Example: GPIOA0, set bit 0 in the GPIOA_PUR register.
A9
(GPIOA1)
20
A10
(GPIOA2)
21
A11
(GPIOA3)
22
A12
(GPIOA4)
23
A13
(GPIOA5)
24
A14
(GPIOA6)
25
A15
(GPIOA7)
26
Table 2-2 Signal and Package Information for the 144-Pin LQFP
Signal Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com