Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8166 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 56F8166
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8166 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 56F8166 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 182 page
background image
Program Map
56F8366 Technical Data, Rev. 7
Freescale Semiconductor
41
Preliminary
Note: Data Flash and Program RAM are NOT available on the 56F8166 device.
4.2 Program Map
The operating mode control bits (MA and MB) in the Operating Mode Register (OMR) control the
Program memory map. At reset, these bits are set as indicated in Table 4-2. Table 4-4 shows the memory
map configurations that are possible at reset. After reset, the OMR MA bit can be changed and will have
an effect on the P-space memory map, as shown in Table 4-3. Changing the OMR MB bit will have no
effect.
Table 4-1 Chip Memory Configurations
On-Chip Memory
56F8366
56F8166
Use Restrictions
Program Flash
512KB
512KB
Erase / Program via Flash interface unit and word writes to
CDBW
Data Flash
32KB
—
Erase / Program via Flash interface unit and word writes to
CDBW. Data Flash can be read via either CDBR or XDB2, but
not by both simultaneously
Program RAM
4KB
—
None
Data RAM
32KB
32KB
None
Program Boot Flash
32KB
32KB
Erase / Program via Flash Interface unit and word to CDBW
Table 4-2 OMR MB/MA Value at Reset
OMR MB =
Flash Secured
State1, 2
1. This bit is only configured at reset. If the Flash secured state changes, this will not be reflected in MB until the next reset.
2. Changing MB in software will not affect Flash memory security.
OMR MA =
EXTBOOT Pin
Chip Operating Mode
0
0
Mode 0 – Internal Boot; EMI is configured to use 16 address lines; Flash
Memory is secured; external P-space is not allowed; the EOnCE is disabled
0
1
Not valid; cannot boot externally if the Flash is secured and will actually
configure to 00 state
1
0
Mode 0 – Internal Boot; EMI is configured to use 16 address lines
1
1
Mode 1 – External Boot; Flash Memory is not secured; EMI configuration is
determined by the state of the EMI_MODE pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com