Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162V-8AI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATmega162V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 4Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 5Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 6Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 7Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 8Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 9Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 10Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 11Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
2513KS–AVR–07/09
ATmega162/V
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0xFF)
Reserved
–
–
–
–
–
–
–
–
..
Reserved
–
–
–
–
–
–
–
–
(0x9E)
Reserved
–
–
–
–
–
–
–
–
(0x9D)
Reserved
–
–
–
–
–
–
–
–
(0x9C)
Reserved
–
–
–
–
–
–
–
–
(0x9B)
Reserved
–
–
–
–
–
–
–
–
(0x9A)
Reserved
–
–
–
–
–
–
–
–
(0x99)
Reserved
–
–
–
–
–
–
–
–
(0x98)
Reserved
–
–
–
–
–
–
–
–
(0x97)
Reserved
–
–
–
–
–
–
–
–
(0x96)
Reserved
–
–
–
–
–
–
–
–
(0x95)
Reserved
–
–
–
–
–
–
–
–
(0x94)
Reserved
–
–
–
–
–
–
–
–
(0x93)
Reserved
–
–
–
–
–
–
–
–
(0x92)
Reserved
–
–
–
–
–
–
–
–
(0x91)
Reserved
–
–
–
–
–
–
–
–
(0x90)
Reserved
–
–
–
–
–
–
–
–
(0x8F)
Reserved
–
–
–
–
–
–
–
–
(0x8E)
Reserved
–
–
–
–
–
–
–
–
(0x8D)
Reserved
–
–
–
–
–
–
–
–
(0x8C)
Reserved
–
–
–
–
–
–
–
–
(0x8B)
TCCR3A
COM3A1
COM3A0
COM3B1
COM3B0
FOC3A
FOC3B
WGM31
WGM30
131
(0x8A)
TCCR3B
ICNC3
ICES3
–
WGM33
WGM32
CS32
CS31
CS30
128
(0x89)
TCNT3H
Timer/Counter3 – Counter Register High Byte
133
(0x88)
TCNT3L
Timer/Counter3 – Counter Register Low Byte
133
(0x87)
OCR3AH
Timer/Counter3 – Output Compare Register A High Byte
133
(0x86)
OCR3AL
Timer/Counter3 – Output Compare Register A Low Byte
133
(0x85)
OCR3BH
Timer/Counter3 – Output Compare Register B High Byte
133
(0x84)
OCR3BL
Timer/Counter3 – Output Compare Register B Low Byte
133
(0x83)
Reserved
–
–
–
–
–
–
–
–
(0x82)
Reserved
–
–
–
–
–
–
–
–
(0x81)
ICR3H
Timer/Counter3 – Input Capture Register High Byte
134
(0x80)
ICR3L
Timer/Counter3 – Input Capture Register Low Byte
134
(0x7F)
Reserved
–
–
–
–
–
–
–
–
(0x7E)
Reserved
–
–
–
–
–
–
–
–
(0x7D)
ETIMSK
–
–
TICIE3
OCIE3A
OCIE3B
TOIE3
–
–
135
(0x7C)
ETIFR
–
–
ICF3
OCF3A
OCF3B
TOV3
–
–
135
(0x7B)
Reserved
–
–
–
–
–
–
–
–
(0x7A)
Reserved
–
–
–
–
–
–
–
–
(0x79)
Reserved
–
–
–
–
–
–
–
–
(0x78)
Reserved
–
–
–
–
–
–
–
–
(0x77)
Reserved
–
–
–
–
–
–
–
–
(0x76)
Reserved
–
–
–
–
–
–
–
–
(0x75)
Reserved
–
–
–
–
–
–
–
–
(0x74)
Reserved
–
–
–
–
–
–
–
–
(0x73)
Reserved
–
–
–
–
–
–
–
–
(0x72)
Reserved
–
–
–
–
–
–
–
–
(0x71)
Reserved
–
–
–
–
–
–
–
–
(0x70)
Reserved
–
–
–
–
–
–
–
–
(0x6F)
Reserved
–
–
–
–
–
–
–
–
(0x6E)
Reserved
–
–
–
–
–
–
–
–
(0x6D)
Reserved
–
–
–
–
–
–
–
–
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
88
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
88
(0x6A)
Reserved
–
–
–
–
–
–
–
–
(0x69)
Reserved
–
–
–
–
–
–
–
–
(0x68)
Reserved
–
–
–
–
–
–
–
–
(0x67)
Reserved
–
–
–
–
–
–
–
–
(0x66)
Reserved
–
–
–
–
–
–
–
–
(0x65)
Reserved
–
–
–
–
–
–
–
–
(0x64)
Reserved
–
–
–
–
–
–
–
–
(0x63)
Reserved
–
–
–
–
–
–
–
–
(0x62)
Reserved
–
–
–
–
–
–
–
–
(0x61)
CLKPR
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com