Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162V-8AI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATmega162V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 5Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 6Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 7Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 8Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 9Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 10Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 11Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 12Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
2513KS–AVR–07/09
ATmega162/V
(0x60)
Reserved
–
–
–
–
–
–
–
–
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
10
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
13
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
13
0x3C(2)(0x5C)(2)
UBRR1H
URSEL1
UBRR1[11:8]
190
UCSR1C
URSEL1
UMSEL1
UPM11
UPM10
USBS1
UCSZ11
UCSZ10
UCPOL1
189
0x3B (0x5B)
GICR
INT1
INT0
INT2
PCIE1
PCIE0
–
IVSEL
IVCE
61, 86
0x3A (0x5A)
GIFR
INTF1
INTF0
INTF2
PCIF1
PCIF0
–
–
–
87
0x39 (0x59)
TIMSK
TOIE1
OCIE1A
OCIE1B
OCIE2
TICIE1
TOIE2
TOIE0
OCIE0
102, 134, 154
0x38 (0x58)
TIFR
TOV1
OCF1A
OCF1B
OCF2
ICF1
TOV2
TOV0
OCF0
103, 135, 155
0x37 (0x57)
SPMCR
SPMIE
RWWSB
–
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
221
0x36 (0x56)
EMCUCR
SM0
SRL2
SRL1
SRL0
SRW01
SRW00
SRW11
ISC2
30,44,85
0x35 (0x55)
MCUCR
SRE
SRW10
SE
SM1
ISC11
ISC10
ISC01
ISC00
30,43,84
0x34 (0x54)
MCUCSR
JTD
–
SM2
JTRF
WDRF
BORF
EXTRF
PORF
43,51,207
0x33 (0x53)
TCCR0
FOC0
WGM00
COM01
COM00
WGM01
CS02
CS01
CS00
100
0x32 (0x52)
TCNT0
Timer/Counter0 (8 Bits)
102
0x31 (0x51)
OCR0
Timer/Counter0 Output Compare Register
102
0x30 (0x50)
SFIOR
TSM
XMBK
XMM2
XMM1
XMM0
PUD
PSR2
PSR310
32,70,105,156
0x2F (0x4F)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
FOC1A
FOC1B
WGM11
WGM10
128
0x2E (0x4E)
TCCR1B
ICNC1
ICES1
–
WGM13
WGM12
CS12
CS11
CS10
131
0x2D (0x4D)
TCNT1H
Timer/Counter1 – Counter Register High Byte
133
0x2C (0x4C)
TCNT1L
Timer/Counter1 – Counter Register Low Byte
133
0x2B (0x4B)
OCR1AH
Timer/Counter1 – Output Compare Register A High Byte
133
0x2A (0x4A)
OCR1AL
Timer/Counter1 – Output Compare Register A Low Byte
133
0x29 (0x49)
OCR1BH
Timer/Counter1 – Output Compare Register B High Byte
133
0x28 (0x48)
OCR1BL
Timer/Counter1 – Output Compare Register B Low Byte
133
0x27 (0x47)
TCCR2
FOC2
WGM20
COM21
COM20
WGM21
CS22
CS21
CS20
149
0x26 (0x46)
ASSR
–
–
–
–
AS2
TCN2UB
OCR2UB
TCR2UB
152
0x25 (0x45)
ICR1H
Timer/Counter1 – Input Capture Register High Byte
134
0x24 (0x44)
ICR1L
Timer/Counter1 – Input Capture Register Low Byte
134
0x23 (0x43)
TCNT2
Timer/Counter2 (8 Bits)
151
0x22 (0x42)
OCR2
Timer/Counter2 Output Compare Register
151
0x21 (0x41)
WDTCR
–
–
–
WDCE
WDE
WDP2
WDP1
WDP0
53
0x20(2) (0x40)(2)
UBRR0H
URSEL0
–
–
–
UBRR0[11:8]
190
UCSR0C
URSEL0
UMSEL0
UPM01
UPM00
USBS0
UCSZ01
UCSZ00
UCPOL0
189
0x1F (0x3F)
EEARH
–
–
–
–
–
–
–EEAR8
20
0x1E (0x3E)
EEARL
EEPROM Address Register Low Byte
20
0x1D (0x3D)
EEDR
EEPROM Data Register
21
0x1C (0x3C)
EECR
–
–
–
–
EERIE
EEMWE
EEWE
EERE
21
0x1B (0x3B)
PORTA
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
82
0x1A (0x3A)
DDRA
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
82
0x19 (0x39)
PINA
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
82
0x18 (0x38)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
82
0x17 (0x37)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
82
0x16 (0x36)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
82
0x15 (0x35)
PORTC
PORTC7
PORTC6
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
82
0x14 (0x34)
DDRC
DDC7
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
82
0x13 (0x33)
PINC
PINC7
PINC6
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
83
0x12 (0x32)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
83
0x11 (0x31)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
83
0x10 (0x30)
PIND
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
83
0x0F (0x2F)
SPDR
SPI Data Register
164
0x0E (0x2E)
SPSR
SPIF
WCOL
–
–
–
–
–SPI2X
164
0x0D (0x2D)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
162
0x0C (0x2C)
UDR0
USART0 I/O Data Register
186
0x0B (0x2B)
UCSR0A
RXC0
TXC0
UDRE0
FE0
DOR0
UPE0
U2X0
MPCM0
186
0x0A (0x2A)
UCSR0B
RXCIE0
TXCIE0
UDRIE0
RXEN0
TXEN0
UCSZ02
RXB80
TXB80
187
0x09 (0x29)
UBRR0L
USART0 Baud Rate Register Low Byte
190
0x08 (0x28)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
195
0x07 (0x27)
PORTE
–
–
–
–
–
PORTE2
PORTE1
PORTE0
83
0x06 (0x26)
DDRE
–
–
–
–
–
DDE2
DDE1
DDE0
83
0x05 (0x25)
PINE
–
–
–
–
–
PINE2
PINE1
PINE0
83
0x04(1) (0x24)(1)
OSCCAL
–
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
39
OCDR
On-chip Debug Register
202
0x03 (0x23)
UDR1
USART1 I/O Data Register
186
0x02 (0x22)
UCSR1A
RXC1
TXC1
UDRE1
FE1
DOR1
UPE1
U2X1
MPCM1
186
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com