Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW404 Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # SW404
Description  4-SPST Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

SW404 Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  SW404 Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5 0
10


Similar Part No. - SW404

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4043G TTELEC-SW4043G Datasheet
312Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 192WATT
13/12/2022
SW4044F TTELEC-SW4044F Datasheet
282Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 200WATT
01/06/2020
SW4047-C2 TTELEC-SW4047-C2 Datasheet
355Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 24WATT
12/01/2021
SW4047F TTELEC-SW4047F Datasheet
367Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 24WATT
12/12/2022
More results

Similar Description - SW404

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG211 INTERSIL-DG211 Datasheet
100Kb / 7P
SPST 4-Channel Analog Switches
June 1999
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
SPST Switches
SW601 BOWEI-SW601 Datasheet
346Kb / 1P
6-SPST Switches
SW801 BOWEI-SW801 Datasheet
329Kb / 1P
8-SPST Switches
logo
Analog Devices
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
SPST Switches
REV. C
ADG621 AD-ADG621_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
Dual SPST Switches
REV. B
logo
BOWEI Integrated Circui...
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
SPST Switches
logo
Vishay Siliconix
DG2537 VISHAY-DG2537_V01 Datasheet
178Kb / 10P
4 Ω Dual SPST Switches
01-Aug-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com