Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD1050 Datasheet(PDF) 2 Page - RF Micro Devices

Part # FPD1050
Description  0.75W POWER pHEMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

FPD1050 Datasheet(HTML) 2 Page - RF Micro Devices

  FPD1050 Datasheet HTML 1Page - RF Micro Devices FPD1050 Datasheet HTML 2Page - RF Micro Devices FPD1050 Datasheet HTML 3Page - RF Micro Devices FPD1050 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
Rev A0 DS080702 3.0
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
FPD1050
Pad Layout
Note: Coordinates are referenced from the bottom left hand
corner of the die to the center of the bond pad opening.
Absolute Maximum Ratings1
Parameter
Rating
Unit
Drain-Source Voltage (VDS)
(-3V<VGS<-0.5V)2
10
V
Gate-Source Voltage (VGS)
(0V<VDS<+8V)
-3
V
Drain-Source Current (IDS)
(For VDS<2V)
IDSS
Gate Current (IG) (Forward or reverse)
10
mA
RF Input Power (PIN)
(Under any acceptable bias state)
23
dBm
Channel Operating Temperature (TCH)
(Under any acceptable bias state)
175
°C
Storage Temperature (TSTG)
(Non-Operating Storage)
-65 to 150
°C
Total Power Dissipation (PTOT)3, 4, 5
3.4
W
Simultaneous Combination of Limits6
(2 or more max. limits)
80
%
Notes:
1TAMBIENT=22°C unless otherwise noted; exceeding any one of these absolute max-
imum ratings may cause permanent damage to the device.
2Operating at absolute maximum VD continuously is not recommended. If operation
at 10V is considered then IDS must be reduced in order to keep the part within
its thermal power dissipation limits. Therefore VGS is restricted to <-0.5V.
3Total Power Dissipation to be de-rated as follows above 22°C: PTOT=3.4-
(0.022W/°C)xTHS, where THS=heatsink or ambient temperature above 22°C.
Example: For a 85°C carrier temperature: PTOT=3.4-(0.022x(85-22))=2.01W
4Total Power Dissipation (PTOT) defined as (PDC+PIN)–POUT, where PDC: DC Bias
Power, PIN: RF Input Power, POUT: RF Output Power.
5Users should avoid exceeding 80% of 2 or more Limits simultaneously.
6Thermal Resistivity specification assumes a Au/Sn eutectic die attach onto an Au-
plated copper heatsink or rib.
Pad
Description
Pin Coordinates (
μm)
A
Gate pad.
130, 220
B
Drain pad.
380, 220
C
Source pad.
Die Size (
μm)
Die Thickness (
μm)
Min. Bond Pad Opening (
μmxμm)
470x440
75
67x77
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
A
B
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com