Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD1050 Datasheet(PDF) 1 Page - RF Micro Devices

Part # FPD1050
Description  0.75W POWER pHEMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

FPD1050 Datasheet(HTML) 1 Page - RF Micro Devices

  FPD1050 Datasheet HTML 1Page - RF Micro Devices FPD1050 Datasheet HTML 2Page - RF Micro Devices FPD1050 Datasheet HTML 3Page - RF Micro Devices FPD1050 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
1 of 4
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
FPD1050
0.75W POWER pHEMT
The FPD1050 is an AlGaAs/InGaAs pseudomorphic High Electron Mobility Transis-
tor (pHEMT), featuring a 0.25
μmx1050μm Schottky barrier gate, defined by high-
resolution stepper-based photolithography. The double recessed gate structure
minimizes parasitics to optimize performance. The epitaxial structure and process-
ing have been optimized for reliable high-power applications. The FPD1050 is also
available in the low-cost plastic SOT89 package.
28.5dBm Linear Output
Power at 12GHz
11dB Power Gain at 12GHz
14dB Max Stable Gain at
12GHz
41dBm OIP3
45% Power-Added Efficiency
Applications
Narrowband and Broadband
High-Performance Amplifiers
SATCOM Uplink Transmitters
PCS/Cellular Low-Voltage
High-Efficiency Output Ampli-
fiers
Medium-Haul Digital Radio
Transmitters
Rev A0 DS080702 3.0
Package Style: Bare Die
FPD1050
0.75W Power
pHEMT
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
P1dB Gain Compression
27.5
28.5
dBm
VDS=8V, IDS=50% IDSS
S21/S12 (MSG)
14.0
dB
VDS=8V, IDS=50% IDSS
Power Gain at P1dB (G1dB)
10.0
11.0
dB
VDS=8V, IDS=50% IDSS
PAE
45
%
VDS=8V, IDS=50% IDSS, POUT=P1dB
OIP3
39
dBm
VDS=8V, IDS=50% IDSS
41
dBm
Matched for optimal power, tuned for best IP3
Saturated Drain-Source Current
(IDSS)
260
325
385
mA
VDS=1.3V, VGS=0V
Maximum Drain-Source Current
(IMAX)
520
mA
VDS=1.3V, VGS≈+1V
Transconductance (GM)
280
ms
VDS=1.3V, VGS=0V
Gate-Source Leakage Current (IGSO)
15
μAVGS=-5V
Pinch-Off Voltage (VP)
|1.0|
V
VDS=1.3V, IDS=1mA
Gate-Source Breakdown Voltage
(VBDGS)
|12.0|
|14.0|
V
IGS=3mA
Gate-Drain Breakdown Voltage
(VBDGD)
|14.5|
|16.0|
V
IGD=3mA
Thermal Resistivity (
θJC) *
45
°C/W
VDS>6V
*Note: TAMBIENT=22°C, RF specifications measured at f=12GHz using CW signal.


Similar Part No. - FPD1050

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1050 FILTRONIC-FPD1050 Datasheet
176Kb / 2P
0.75W POWER PHEMT
FPD1050 FILTRONIC-FPD1050 Datasheet
149Kb / 3P
0.75W POWER PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
144Kb / 3P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89E FILTRONIC-FPD1050SOT89E Datasheet
237Kb / 8P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - FPD1050

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6836 FILTRONIC-LP6836 Datasheet
35Kb / 2P
MEDIUM POWER PHEMT
LP6872 FILTRONIC-LP6872 Datasheet
38Kb / 2P
0.5W POWER PHEMT
FPD1000V FILTRONIC-FPD1000V Datasheet
197Kb / 3P
1W POWER PHEMT
FPD1050 FILTRONIC-FPD1050 Datasheet
176Kb / 2P
0.75W POWER PHEMT
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
2W POWER PHEMT
FPD6836 FILTRONIC-FPD6836 Datasheet
188Kb / 2P
0.25W POWER PHEMT
FPD6836 FILTRONIC-FPD6836_1 Datasheet
142Kb / 3P
0.25W POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
2W POWER PHEMT
FPD2250 FILTRONIC-FPD2250_1 Datasheet
160Kb / 3P
1.5W POWER PHEMT
FPD1050 FILTRONIC-FPD1050_1 Datasheet
149Kb / 3P
0.75W POWER PHEMT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com