Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3P01Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3P01Z
Description  P CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3P01Z Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3P01Z Datasheet HTML 1Page - Unisonic Technologies UT3P01Z Datasheet HTML 2Page - Unisonic Technologies UT3P01Z Datasheet HTML 3Page - Unisonic Technologies UT3P01Z Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT3P01Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-341..A
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±10
V
DC
-0.1
A
Drain Current
Pulse(Note 2)
ID
-0.4
A
Power Dissipation
PD
150
mW
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width≤10μs, Duty cycle≤1%
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-1mA
-30
V
Drain-Source Leakage Current
IDSS
VDS=-30V,VGS=0V
-1
µA
Gate-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
ON CHARACTERISTICS
Cutoff Threshold Voltage
VGS(OFF) VDS=-10V, ID=-100µA
-0.4
-1.4
V
VGS=-4V, ID=-50mA
8
10.4
Ω
VGS=-2.5V, ID=-30mA
11
15.4
Ω
Static Drain-Source On-Resistance
RDS(ON)
VGS=-1.5V, ID=-1mA
27
54
Ω
Forward Transconductance
gFS
VDS=-10V, ID=-50mA
80
110
mS
DYNAMIC PARAMETERS
Input Capacitance
CISS
7.5
pF
Output Capacitance
COSS
5.7
pF
Reverse Transfer Capacitance
CRSS
VDS=-10V, VGS=0 V, f=1.0MHz
1.8
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
1.43
nC
Gate Source Charge
QGS
0.18
nC
Gate Drain Charge
QGD
VDS=-10V, VGS=-10V,
ID=-100mA
0.25
nC
Turn-ON Delay Time
tD(ON)
24
ns
Turn-ON Rise Time
tR
55
ns
Turn-OFF Delay Time
tD(OFF)
120
ns
Turn-OFF Fall-Time
tF
See specified Test Circuit
130
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=-100mA, VGS=0V
-0.83
-1.2
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com