Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3P01Z Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3P01Z
Description  P CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3P01Z Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3P01Z Datasheet HTML 1Page - Unisonic Technologies UT3P01Z Datasheet HTML 2Page - Unisonic Technologies UT3P01Z Datasheet HTML 3Page - Unisonic Technologies UT3P01Z Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3P01Z
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-341..A
P CHANNEL POWER MOSFET
DESCRIPTION
The UT3P01Z uses UTC advanced technology to provide
excellent RDS (ON), low gate charge and operated with low gate
voltages. This device can be applied to general-purpose switching
devices applications.
FEATURES
* RDS(ON) = 8Ω @VGS = -4 V
* Ultra low gate charge ( typical 1.43 nC )
* Low reverse transfer capacitance ( CRSS = typical 1.8 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
* Halogen Free
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UT3P01ZG-AL3-R
SOT-323
S
G
D
Tape Reel
UT3P01ZG-AN3-R
SOT-523
S
G
D
Tape Reel
MARKING


Similar Part No. - UT3P01Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
UT3P01ZG-AE2-R UTC-UT3P01ZG-AE2-R Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UT3P01ZG-AE2-R VBSEMI-UT3P01ZG-AE2-R Datasheet
1Mb / 7P
P-Channel 60 V (D-S) MOSFET
logo
Unisonic Technologies
UT3P01ZG-AL3-R UTC-UT3P01ZG-AL3-R Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
UT3P01ZG-AN3-R UTC-UT3P01ZG-AN3-R Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
More results

Similar Description - UT3P01Z

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com