Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCM520 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XCM520
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XCM520 Datasheet HTML 17Page - Torex Semiconductor XCM520 Datasheet HTML 18Page - Torex Semiconductor XCM520 Datasheet HTML 19Page - Torex Semiconductor XCM520 Datasheet HTML 20Page - Torex Semiconductor XCM520 Datasheet HTML 21Page - Torex Semiconductor XCM520 Datasheet HTML 22Page - Torex Semiconductor XCM520 Datasheet HTML 23Page - Torex Semiconductor XCM520 Datasheet HTML 24Page - Torex Semiconductor XCM520 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21/43
XCM520
Series
EN1/EN2
EN1”H” Level Current
EN1=VIN1 Level
EN2”H” Level Current
EN2=VIN1 Level
EN1”L” Level Current
EN1= VSS
EN2”L” Level Current
EN2=VSS
* The EN which is not measured is in operation sop mode.
Active High: VSS
Active Low: measuring VIN1 Level
■TEST CIRCUITS (Continued)
< Circuit No10 >
< Circuit No11 >
< Circuit No12 >
< Circuit No13 >
< Circuit No14 >
EN1/EN2
Active High (pull-down, without resistance)
VR1 Supply Current, EN1=ON, EN2=OFF
VR2 Supply Current, EN1= OFF, EN2=ON
Active High: ON=VIN1, OFF=VSS
Active Low: ON=VSS, OFF=VIN1
VIN1=[VOUT(T)+1.0]VDC+0.5Vp-pAC
CIN1 : 1μF (ceramic)
CL1, CL2 : 1μF (ceramic)
CIN1, CL1, CL2 : 1μF (ceramic)
EN1/EN2
Active High:EN = VIN1
Active Low:EN = VSS
EN1/EN2
Active High:EN = VSS
Active Low:EN = VIN1
VOUT3
Lx
AGND
PGND
EN3
VIN2
VIN1
VOUT1
VSS
EN1
EN2
VOUT2
A
VOUT3
Lx
AGND
PGND
EN3
VIN2
VIN1
VOUT1
VSS
EN1
EN2
VOUT2
A
VOUT3
Lx
AGND
PGND
EN3
VIN2
VIN1
VOUT1
VSS
EN1
EN2
VOUT2
I
OUT2
CL2
CL1
I
OUT1
V
V
V
A
A
I
OUT=30mA
I
OUT=30mA
EN1/EN2
VR1 PSRR
EN1=ON, EN2=OFF
VR2 PSRR
EN1=OFF, EN2=ON
Active High: ON=VIN1, OFF=VSS
Active Low: ON=VSS, OFF=VIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com