Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCM520 Datasheet(PDF) 39 Page - Torex Semiconductor

Part # XCM520
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520 Datasheet(HTML) 39 Page - Torex Semiconductor

Back Button XCM520 Datasheet HTML 35Page - Torex Semiconductor XCM520 Datasheet HTML 36Page - Torex Semiconductor XCM520 Datasheet HTML 37Page - Torex Semiconductor XCM520 Datasheet HTML 38Page - Torex Semiconductor XCM520 Datasheet HTML 39Page - Torex Semiconductor XCM520 Datasheet HTML 40Page - Torex Semiconductor XCM520 Datasheet HTML 41Page - Torex Semiconductor XCM520 Datasheet HTML 42Page - Torex Semiconductor XCM520 Datasheet HTML 43Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39/43
XCM520
Series
●Regulator Block (Continued)
(9) Ripple Rejection Rate (Continued)
(10) Cross Talk
VOUT1:3.0V & VOUT2:2.85V
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
VOUT=3.0V
0
20
40
60
80
0.01
0.1
1
10
100
Ripple F requency:f(kH z)
VIN1=4.0VDC+0.5Vp-pAC, IOUT=30mA, CL=1μF(ceramic)
0
20
40
60
80
0.01
0.1
1
10
100
Ripple F requency:f(kH z)
VIN1=5.75VDC+0.5Vp-pAC, IOUT=30mA, CL=1μF(ceramic)
VOUT=5.0V
2.6
2.7
2.8
2.9
3.0
3.1
40μs/div
0
100
200
300
400
500
V R 1 O utputV oltage(3.0V )
VR 1
O utput C urrent
10mA
100mA
V R 2 O utputV oltage(2.85V )
VIN1=4.0V, CIN1=CL1=CL2=1μF(ceramic)
Ripple Frequency: f(kHz)
Ripple Frequency: f(kHz)
Time (40μs/div)
VR1 Output Voltage (3.0V)
VR2 Output Voltage (2.85V)
VR1
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com