Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC9 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC9
Description  TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC9 Datasheet(HTML) 1 Page - Motorola, Inc

  MAC9 Datasheet HTML 1Page - Motorola, Inc MAC9 Datasheet HTML 2Page - Motorola, Inc MAC9 Datasheet HTML 3Page - Motorola, Inc MAC9 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3–49
Motorola Thyristor Device Data
TRIACS
Silicon Bidirectional Thyristors
Designed for high performance full-wave ac control applications where high
noise immunity and high commutating di/dt are required.
• Blocking Voltage to 800 Volts
• On-State Current Rating of 8.0 Amperes RMS at 100°C
• Uniform Gate Trigger Currents in Three Modes
• High Immunity to dv/dt — 500 V/µs minimum at 125°C
• Minimizes Snubber Networks for Protection
• Industry Standard TO-220AB Package
• High Commutating di/dt — 6.5 A/ms minimum at 125°C
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VDRM
Peak Repetitive Off-State Voltage (1)
(– 40 to 125
°C, Sine Wave, 50 to 60 Hz, Gate Open)
MAC9D
MAC9M
MAC9N
400
600
800
Volts
IT(RMS)
On-State RMS Current
(60 Hz, TC = 100°C)
8.0
A
ITSM
Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, TJ = 125°C)
80
A
I2t
Circuit Fusing Consideration (t = 8.3 ms)
26
A2sec
PGM
Peak Gate Power (Pulse Width
≤ 1.0 µs, TC = 80°C)
16
Watts
PG(AV)
Average Gate Power (t = 8.3 ms, TC = 80°C)
0.35
Watts
TJ
Operating Junction Temperature Range
– 40 to +125
°C
Tstg
Storage Temperature Range
– 40 to +150
°C
THERMAL CHARACTERISTICS
R
θJC
R
θJA
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
2.2
62.5
°C/W
TL
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
260
°C
(1)
VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MAC9
SERIES
CASE 221A-06
(TO-220AB)
Style 4
MT2
MT1
MT2
G
TRIACS
8.0 AMPERES RMS
400 thru 800
VOLTS
*Motorola preferred devices
*


Similar Part No. - MAC9

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC92 DIGITRON-MAC92 Datasheet
977Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
MAC92-1 DIGITRON-MAC92-1 Datasheet
977Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
MAC92-2 DIGITRON-MAC92-2 Datasheet
977Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
MAC92-3 DIGITRON-MAC92-3 Datasheet
977Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
MAC92-4 DIGITRON-MAC92-4 Datasheet
977Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC9

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
MAC15D MOTOROLA-MAC15D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC15SD MOTOROLA-MAC15SD Datasheet
690Kb / 8P
TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
MAC8D MOTOROLA-MAC8D Datasheet
79Kb / 4P
TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com