Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2513Bi-AEZG Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB2513Bi-AEZG
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2513Bi-AEZG Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB2513Bi-AEZG Datasheet HTML 17Page - SMSC Corporation USB2513Bi-AEZG Datasheet HTML 18Page - SMSC Corporation USB2513Bi-AEZG Datasheet HTML 19Page - SMSC Corporation USB2513Bi-AEZG Datasheet HTML 20Page - SMSC Corporation USB2513Bi-AEZG Datasheet HTML 21Page - SMSC Corporation USB2513Bi-AEZG Datasheet HTML 22Page - SMSC Corporation USB2513Bi-AEZG Datasheet HTML 23Page - SMSC Corporation USB2513Bi-AEZG Datasheet HTML 24Page - SMSC Corporation USB2513Bi-AEZG Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
21
Revision 1.0 (3-11-09)
DATASHEET
USBDM_DN[1]
Hi-Speed USB
Data
1
USBDM_DN[2]
3
USBDM_DN[3]
-
6
USBDM_DN[4]
-
8
-
8
USBDM_DN[5]
-
11
USBDM_DN[6]
-
53
USBDM_DN[7]
-
55
USBDP_DN[1]
2
USBDP_DN[2]
4
USBDP_DN[3]
-
7
USBDP_DN[4]
-
9
-
9
USBDP_DN[5]
-
12
USBDP_DN[6]
-
54
USBDP_DN[7]
-
56
VBUS_DET
Upstream
VBUS Power
Detection
27
35
44
VDD33
3.3 V Power
5
VDD33
10
VDD33
15
18
24
VDD33
23
30
46
VDD33
29
41
52
VDD33
36
48
57
VDD33
-
64
XTALIN
Crystal Input
33
45
61
XTALOUT
Crystal Output
32
44
60
Table 5.1 Pin List in Alphabetical Order (continued)
SYMBOL
NAME
PIN NUMBERS
36 QFN
48QFN
64 QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com